Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV47711 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce NCV47711
Description  Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47711 Fiches technique(HTML) 2 Page - ON Semiconductor

  NCV47711_17 Datasheet HTML 1Page - ON Semiconductor NCV47711_17 Datasheet HTML 2Page - ON Semiconductor NCV47711_17 Datasheet HTML 3Page - ON Semiconductor NCV47711_17 Datasheet HTML 4Page - ON Semiconductor NCV47711_17 Datasheet HTML 5Page - ON Semiconductor NCV47711_17 Datasheet HTML 6Page - ON Semiconductor NCV47711_17 Datasheet HTML 7Page - ON Semiconductor NCV47711_17 Datasheet HTML 8Page - ON Semiconductor NCV47711_17 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV47711
www.onsemi.com
2
Figure 2. Simplified Block Diagram
+
-
ENABLE
VOLTAGE
REFERENCE
THERMAL
SHUTDOWN
SATURATION
PROTECTION
Vin
EN
ADJ
CSO
GND
Vout
VREF2
VREF1
TSD
SP
TSD
SP
VREF2
2.55 V
VREF1
1.275 V
ICSO = Iout / 100
+
-
PASS DEVICE
AND
CURRENT MIRROR
PIN FUNCTION DESCRIPTION
Pin No.
SOIC−8 EP
Pin No.
SOIC−8
Pin Name
Description
1
1
ADJ
Adjustable Voltage Setting Input. See Application Section for more details.
2
2
GND
Power Supply Ground.
3
3
EN
Enable Input; low level disables the IC.
4
4
CSO
Current Sense Output, Current Limit setting and Output Current value information.
See Application Section for more details.
5
5
Vin
Positive Power Supply Input.
6
6
NC
Not Connected
7
7
NC
Not Connected
8
8
Vout
Regulated Output Voltage.
EPAD
EPAD
Connect to ground potential or leave unconnected.


Numéro de pièce similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47711PDAJR2G ONSEMI-NCV47711PDAJR2G Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

Description similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711 Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com