Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV47711 Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce NCV47711
Description  Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47711 Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button NCV47711_17 Datasheet HTML 4Page - ON Semiconductor NCV47711_17 Datasheet HTML 5Page - ON Semiconductor NCV47711_17 Datasheet HTML 6Page - ON Semiconductor NCV47711_17 Datasheet HTML 7Page - ON Semiconductor NCV47711_17 Datasheet HTML 8Page - ON Semiconductor NCV47711_17 Datasheet HTML 9Page - ON Semiconductor NCV47711_17 Datasheet HTML 10Page - ON Semiconductor NCV47711_17 Datasheet HTML 11Page - ON Semiconductor NCV47711_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCV47711
www.onsemi.com
11
PACKAGE DIMENSIONS
SOIC−8 EP
CASE 751AC
ISSUE B
H
C
0.10
D
E1
A
D
PIN ONE
2 X
8 X
SEATING
PLANE
EXPOSED
GAUGE
PLANE
14
5
8
D
C
0.10
A-B
2 X
E
B
e
C
0.10
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DETAIL A
END VIEW
SECTION A−A
8 X
b
A-B
0.25
D
C
C
C
0.10
C
0.20
A
A2
G
F
1
4
58
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS (ANGLES
IN DEGREES).
3. DIMENSION b DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE
0.08 MM TOTAL IN EXCESS OF THE “b”
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
4. DATUMS A AND B TO BE DETERMINED
AT DATUM PLANE H.
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.00
0.10
A2
1.35
1.65
b
0.31
0.51
b1
0.28
0.48
c
0.17
0.25
c1
0.17
0.23
D
4.90 BSC
E
6.00 BSC
e
1.27 BSC
L
0.40
1.27
L1
1.04 REF
F
2.24
3.20
G
1.55
2.51
h
0.25
0.50
q
0
8
h
AA
DETAIL A
(b)
b1
c
c1
0.25
L
(L1)
q
PAD
E1
3.90 BSC
_
_
A1
SOLDERING FOOTPRINT
LOCATION
Exposed
Pad
1.52
0.060
2.03
0.08
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
7.0
0.275
2.72
0.107


Numéro de pièce similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47711PDAJR2G ONSEMI-NCV47711PDAJR2G Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

Description similaire - NCV47711_17

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711 Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com