Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP1475S Fiches technique(PDF) 14 Page - Monolithic Power Systems

No de pièce MP1475S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1475S Fiches technique(HTML) 14 Page - Monolithic Power Systems

Back Button MP1475S Datasheet HTML 10Page - Monolithic Power Systems MP1475S Datasheet HTML 11Page - Monolithic Power Systems MP1475S Datasheet HTML 12Page - Monolithic Power Systems MP1475S Datasheet HTML 13Page - Monolithic Power Systems MP1475S Datasheet HTML 14Page - Monolithic Power Systems MP1475S Datasheet HTML 15Page - Monolithic Power Systems MP1475S Datasheet HTML 16Page - Monolithic Power Systems MP1475S Datasheet HTML 17Page - Monolithic Power Systems MP1475S Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP1475S – HIGH-EFFICIENCY, 3A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1475S Rev. 1.0
www.MonolithicPower.com
14
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see “Typical Application” on page 1).
Choose R1 around 40.2kΩ; R2 is then given by:
OUT
R1
R2
V
1
0.807V
=
The T-type network is recommended highly
when VOUT is low (see Figure 7).
Figure 7. T-Type Network
Table 1 lists the recommended T-type resistor
values for common output voltages.
Table 1. Resistor Selection for Common Output
Voltages
(8)
VOUT
(V)
R1 (kΩ)
R2 (kΩ) Rt (kΩ)
1.0
20.5
84.5
82
1.2
30.1
61.9
82
1.8
40.2
32.4
33
2.5
40.2
19.1
33
3.3
40.2
13
16
5
40.2
7.68
16
Notes:
8) The recommended parameters are based on a 500kHz
switching frequency; a different input voltage, output-inductor
value, and output-capacitor value may affect the selection of
R1, R2, and Rt. For additional component parameters, please
refer to the “Typical Application Circuits” section on pages 17
and 18.
Selecting the Inductor
For most applications, use a1µH to 22µH
inductor with a DC current rating at least 25%
higher than the maximum load current. For
highest efficiency, use an inductor with a DC
resistance less than 15mΩ. For most designs,
the inductance value is derived from the
following equation:
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor-ripple current.
Choose
an
inductor-ripple
current
approximately 30% of the maximum load
current. The maximum inductor peak current is
calculated by the following equation:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductor for improved efficiency
under light-load conditions (below 100mA).
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore it requires a capacitor
to supply the AC current while maintaining the
DC input voltage. Use low ESR capacitors for
optimum performance. Use ceramic capacitors
with X5R or X7R dielectrics for best results
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
use a 22µF capacitor.
Since C1 absorbs the input-switching current, it
requires an adequate ripple-current rating. The
RMS current in the input capacitor is estimated
by:
×
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose an input capacitor
that has a RMS current rating greater than half
of the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high-quality
ceramic
capacitor (e.g. 0.1μF) should be placed as
close to the IC as possible. When using
ceramic capacitors, ensure that they have
enough capacitance to provide sufficient charge


Numéro de pièce similaire - MP1475S

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475DJ MPS-MP1475DJ Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Description similaire - MP1475S

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com