Moteur de recherche de fiches techniques de composants électroniques |
|
AD8391AR-EVAL Fiches technique(PDF) 8 Page - Analog Devices |
|
AD8391AR-EVAL Fiches technique(HTML) 8 Page - Analog Devices |
8 / 20 page REV. 0 AD8391 –8– RG RF VIN+ VMID VIN– VOUT– VOUT+ RF RG RL CMID TPC 19. Differential Output Test Setup OUTPUT VOLTAGE – V p-p –30 –40 –110 222 6 10 14 18 –70 –80 –90 –100 –50 –60 RL = 21 VS = 6V G = –5, (RG = 178 ) HD2 (FO = 500kHz) HD3 (FO = 500kHz) HD2 (FO = 100kHz) HD3 (FO = 100kHz) TPC 20. Differential Distortion vs. Output Voltage TRANSFORMER TURNS RATIO –25 –35 1.7 1.8 1.9 2.0 2.1 2.2 2.3 –65 –75 –85 –45 –55 RLINE = 100 VS = 6V 14dBm 13.5dBm 13dBm 12.5dBm 12dBm TPC 21. MTPR vs. Transformer Turns Ratio FREQUENCY – MHz –30 –40 –110 0.01 10 0.1 1 –50 –60 –100 –70 –80 –90 FOR VS = 6V, VOUT = 8V p-p FOR VS = 1.5V, VOUT = 2V p-p HD2 @VS = 1.5V HD2@VS = 6V HD3 @VS = 1.5V HD3 @VS = 6V G = –5 RL = 21 TPC 22. Differential Distortion vs. Frequency OUTPUT VOLTAGE – V p-p –30 –40 –110 05 1 23 4 –70 –80 –90 –100 –50 –60 RL = 21 VS = 1.5V G = –5, (RG = 178 ) HD2 (FO = 500kHz) HD3 (FO = 500kHz) HD2 (FO = 100kHz) HD3 (FO = 100kHz) 6 TPC 23. Differential Distortion vs. Output Voltage TRANSFORMER TURNS RATIO –50 –55 –70 –75 –80 –60 –65 RLINE = 100 VS = 6V 14dBm 13.5dBm 13dBm 12.5dBm 12dBm 1.7 1.8 1.9 2.0 2.1 2.2 2.3 TPC 24. SFDR vs. Transformer Turns Ratio |
Numéro de pièce similaire - AD8391AR-EVAL |
|
Description similaire - AD8391AR-EVAL |