Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8391 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8391
Description  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8391 Fiches technique(HTML) 3 Page - Analog Devices

  AD8391 Datasheet HTML 1Page - Analog Devices AD8391 Datasheet HTML 2Page - Analog Devices AD8391 Datasheet HTML 3Page - Analog Devices AD8391 Datasheet HTML 4Page - Analog Devices AD8391 Datasheet HTML 5Page - Analog Devices AD8391 Datasheet HTML 6Page - Analog Devices AD8391 Datasheet HTML 7Page - Analog Devices AD8391 Datasheet HTML 8Page - Analog Devices AD8391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
SPECIFICATIONS
(@ 25 C, VS = 3 V, RL = 10
, VMID = VS/2, G = –2, RF = 909
, RG = 453
, unless otherwise noted.
See TPC 1 for Basic Circuit Configuration.)
AD8391
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = –1, VOUT < 0.4 V p-p
37
MHz
G = –2, VOUT < 0.4 V p-p
36
MHz
0.1dB Bandwidth
VOUT < 0.4 V p-p
3.5
MHz
Large Signal Bandwidth
VOUT = 2 V p-p
30
MHz
Slew Rate
VOUT = 2 V p-p
50
V/
µs
Rise and Fall Time
Differential, VOUT = 1 V p-p
15
ns
Settling Time
0.1%, VOUT = 2 V p-p
110
ns
NOISE/HARMONIC
PERFORMANCE
Distortion
VOUT = 4 V p-p (Differential)
2nd Harmonic
100 kHz, RL = 21
–81
dBc
3rd Harmonic
100 kHz, RL = 21
–97
dBc
Input Noise Voltage
f = 100 kHz Differential
4.5
nV/
√Hz
Input Noise Current
f = 100 kHz
9
pA/
√Hz
DC PERFORMANCE
Input Offset Voltage
VMID = +VS/2
±3
±15
mV
TMIN to TMAX
±4mV
VMID = “Float”
±3mV
Input Offset Voltage Match
±0.1
±2.6
mV
TMIN to TMAX
±0.2
mV
Transimpedance
∆V
OUT = 1 V
8
M
INPUT CHARACTERISTICS
Input Resistance
125
Input Bias Current
In1, In2 pins
1
7
µA
Input Bias Current Match
In1 – In2
±0.5
±4
µA
CMRR
VMID = VIN = 1.3 V to 1.5 V,
∆V
OS /
∆V
IN, cm
48
dB
Input CM Voltage Range
1.2 to 2.1
V
VMID Accuracy
VMID = “Float,” Delta from +VS/2
±5
±30
mV
VMID Input Resistance
2.5
k
VMID Input Capacitance
10
pF
OUTPUT CHARACTERISTICS
Output Resistance
Frequency = 100 kHz, PWDN “1”
0.2
Output Resistance
Frequency = 100 kHz, PWDN “0”
9k
Output Voltage Swing
RL = 100
0.1
2.9
V
Linear Output Current
SFDR < –82 dBc, f = 100 kHz, RL = 21
125
mA
Short Circuit Current
1000
mA
POWER SUPPLY
Supply Current
PWDN = “1”
13
16
18
mA
TMIN to TMAX
19
mA
STBY Supply Current
PWDN = “Open or Three-State”
8mA
SHUTDOWN Supply Current
PWDN = “0”
12
mA
Operating Range
Single Supply
3.0
12
V
Power Supply Rejection Ratio
VMID = VS/2,
∆VS = ±0.5 V
55
dB
LOGIC INPUTS (PWDN [1,0])
Logic “1” Voltage
–VS + 2.0
V
Logic “0” Voltage
–VS + 0.8
V
Logic Input Bias Current
±60
µA
Turn On Time
RL = 21
Ω, IS = 90% of Typical
200
ns
Specifications subject to change without notice.


Numéro de pièce similaire - AD8391

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results

Description similaire - AD8391

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com