Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8391 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8391
Description  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8391 Fiches technique(HTML) 5 Page - Analog Devices

  AD8391 Datasheet HTML 1Page - Analog Devices AD8391 Datasheet HTML 2Page - Analog Devices AD8391 Datasheet HTML 3Page - Analog Devices AD8391 Datasheet HTML 4Page - Analog Devices AD8391 Datasheet HTML 5Page - Analog Devices AD8391 Datasheet HTML 6Page - Analog Devices AD8391 Datasheet HTML 7Page - Analog Devices AD8391 Datasheet HTML 8Page - Analog Devices AD8391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
Typical Performance Characteristics–AD8391
~
RG
RF
VOUT
+VS
–VS
VIN
VMID
0.1 F
0.1 F
0.1 F
6.8 F
6.8 F
RL
CF
+
+
TPC 1. Single-Ended Test Circuit
CF = 3pF
CF = 0pF
TIME – ns
0.3
0.2
0.1
0
–0.1
–0.2
–0.4
100
75
50
25
0
125
150
175
200
225
250
–0.3
0.4
VS = 6V
G = –2
RL = 10
TPC 2. Small Signal Step Response
TIME – ns
3
2
1
0
–1
–2
–4
100
75
50
25
0
125
150
175
200
225
250
–3
4
VS = 6V
G = –2
RL = 10
CF = 3pF
CF = 0pF
TPC 3. Large Signal Step Response
TIME – ns
0.3
0.2
0.1
0
–0.1
–0.2
–0.4
100
75
50
25
0
125
150
175
200
225
250
–0.3
0.4
VS = 1.5V
G = –2
RL = 10
CF = 3pF
CF = 0pF
TPC 4. Small Signal Step Response
TIME – ns
1.5
1.0
0.5
0
–0.5
–1.0
–2.0
100
75
50
25
0
125
150
175
200
225
250
–1.5
2.0
VS = 1.5V
G = –2
RL = 10
CF = 3pF
CF = 0pF
TPC 5. Large Signal Step Response
TIME – ns
0.01
0
300
50
100
150
200
250
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.01
VS = 6V
G = –2
VIN = 1V p-p
OUTPUT ERROR
TPC 6. 0.1% Settling Time


Numéro de pièce similaire - AD8391

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results

Description similaire - AD8391

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com