Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9393A-P18 Fiches technique(PDF) 9 Page - Keysight Technologies

No de pièce M9393A-P18
Description  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-P18 Fiches technique(HTML) 9 Page - Keysight Technologies

Back Button M9393A-P18 Datasheet HTML 5Page - Keysight Technologies M9393A-P18 Datasheet HTML 6Page - Keysight Technologies M9393A-P18 Datasheet HTML 7Page - Keysight Technologies M9393A-P18 Datasheet HTML 8Page - Keysight Technologies M9393A-P18 Datasheet HTML 9Page - Keysight Technologies M9393A-P18 Datasheet HTML 10Page - Keysight Technologies M9393A-P18 Datasheet HTML 11Page - Keysight Technologies M9393A-P18 Datasheet HTML 12Page - Keysight Technologies M9393A-P18 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
09 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Amplitude
Input level
Max safe average total power
+35 dBm
Max DC voltage
± 10 Vdc
Max RF input
(specified performance)
+30 dBm
Expected input level setting
Pre-amplifier OFF, peak to average 0 dB
Range
−170 to +30 dBm
Resolution
0.01 dB
Electronic attenuator 13
Frequency range
9 kHz to 27 GHz
Attenuation range
0 to 42 dB
Step size
0.25 dB
Absolute amplitude accuracy 14
Frequency 15
Pre-amp OFF 16
Pre-amp ON 17
Specification
95th percentile Typical
Specification
95th percentile Typical
100 kHz to 1 MHz
± 1.53 dB
± 0.97 dB
± 0.71 dB
± 1.76 dB
± 1.01 dB
± 0.71 dB
1 MHz to 20 MHz
± 1.23 dB
± 0.7 dB
± 0.49 dB
± 1.59 dB
± 0.9 dB
± 0.61 dB
20 MHz to 100 MHz
± 0.61 dB
± 0.32 dB
± 0.17 dB
± 0.71 dB
± 0.41 dB
± 0.24 dB
100 MHz to 3.6 GHz
± 0.54 dB
± 0.25 dB
± 0.13 dB
± 0.74 dB
± 0.38 dB
± 0.26 dB
3.6 GHz to 8 GHz
± 0.61 dB
± 0.31 dB
± 0.16 dB
± 0.85 dB
± 0.4 dB
± 0.26 dB
8 GHz to 14 GHz
± 0.71 dB
± 0.36 dB
± 0.23 dB
± 0.95 dB
± 0.45 dB
± 0.32 dB
14 GHz to 18 GHz
± 0.79 dB
± 0.47 dB
± 0.35 dB
± 1.03 dB
± 0.59 dB
± 0.47 dB
18 GHz to 26.5 GHz
± 1.43 dB
± 0.55 dB
± 0.37 dB
± 2.12 dB
± 1.08 dB
± 0.92 dB
26.5 GHz to 27 GHz
± 2.37 dB
± 0.57 dB
± 0.4 dB
± 2.65 dB
± 0.66 dB
± 0.48 dB
Frequency 15
Pre-amp OFF, expected input level ≤ –5 dBm 18
Specification
95th percentile Typical
100 kHz to 1 MHz
± 1.21 dB
± 0.74 dB
± 0.53 dB
1 MHz to 20 MHz
± 1.14 dB
± 0.66 dB
± 0.46 dB
20 MHz to 100 MHz
± 0.69 dB
± 0.36 dB
± 0.21 dB
100 MHz to 3.6 GHz
± 0.67 dB
± 0.35 dB
± 0.23 dB
13. Electronic attenuator set by firmware based on expected input level, peak to average, and frequency settings.
14. Measured using an attenuator with VSWR performance equal to or better than the Keysight 8490D-020 coaxial attenuator.
Applies after comprehensive alignment and module temperature within ± 3 °C.
15. Frequency is exclusive on the start frequency and inclusive on the stop frequency.
16. Expected input level set to 6 dBm below 3.6 GHz. Expected input level set to –5 dBm above 3.6 GHz. Peak to average 0 dBm.
17. Expected input level set to –3 dBm. Peak to average 0 dBm.
18. Expected input level set to –5 dBm. Peak to average 0 dBm.


Numéro de pièce similaire - M9393A-P18

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Description similaire - M9393A-P18

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com