Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9393A-WB1 Fiches technique(PDF) 11 Page - Keysight Technologies

No de pièce M9393A-WB1
Description  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-WB1 Fiches technique(HTML) 11 Page - Keysight Technologies

Back Button M9393A-WB1 Datasheet HTML 7Page - Keysight Technologies M9393A-WB1 Datasheet HTML 8Page - Keysight Technologies M9393A-WB1 Datasheet HTML 9Page - Keysight Technologies M9393A-WB1 Datasheet HTML 10Page - Keysight Technologies M9393A-WB1 Datasheet HTML 11Page - Keysight Technologies M9393A-WB1 Datasheet HTML 12Page - Keysight Technologies M9393A-WB1 Datasheet HTML 13Page - Keysight Technologies M9393A-WB1 Datasheet HTML 14Page - Keysight Technologies M9393A-WB1 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Technical Specifications and Characteristics
Standard Configuration - Options F08, F14, F18, F27
Amplitude (cont’d)
Amplitude switching speed 27
Option UNZ, nominal
List mode switching speed
9 kHz to 3.6 GHz
3.6 to 6 GHz
6 to 27 GHz
From lower to higher power 28
90 µs
180 µs
50 µs
From higher to lower power 28
90 µs
50 µs
50 µs
Pre-amp OFF to pre-amp ON
245 µs
190 µs
190 µs
Pre-amp ON to pre-amp OFF
160 µs
220 µs
90 µs
Non-list mode switching speed
1 ms
Standard, nominal
5 ms
Input voltage standing wave ratio (VSWR)
Pre-amp OFF, nominal
Pre-amp ON, nominal
10 MHz to ≤ 50 MHz
< 1.38 : 1
< 2.57 : 1
> 50 MHz to ≤ 3 GHz
< 1.21 : 1
< 1.9 : 1
> 3 GHz to ≤ 3.6 GHz
< 1.12 : 1
< 1.61 : 1
> 3.6 GHz to ≤ 12 GHz
< 1.49 : 1
< 1.4 : 1
> 12 GHz to ≤ 20 GHz
< 1.99 : 1
< 1.99 : 1
> 20 GHz to ≤ 23 GHz
< 1.36 : 1
< 1.36 : 1
> 23 GHz to ≤ 27 GHz
< 1.81 : 1
< 1.82 : 1
Trace detectors
With IVI driver
Normal
With 89600 VSA software
Normal, Max, Sample, Average, Min
Preamplifier
Frequency range
Option F08
9 kHz to 8.4 GHz
Option F14
9 kHz to 14 GHz
Option F18
9 kHz to 18 GHz
Option F27
9 kHz to 27 GHz
Gain 29
Typical
< 3.6 GHz
+15.5 dB
3.6 to < 15 GHz
+25.0 dB
15 to < 25 GHz
+22.0 dB
25 to 27 GHz
+19.0 dB
27. When using M9018A PXIe chassis (2-link configuration: 1 x 8 [factory default]) and M9037A PXIe embedded controller.
Amplitude settled to within 0.1 dB. Does not include data acquisition or processing time.
28. No pre-amplifier switching.
29. Gain is normalized to pre-amplifier OFF state.


Numéro de pièce similaire - M9393A-WB1

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

Description similaire - M9393A-WB1

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com