Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9336A-B12 Fiches technique(PDF) 9 Page - Keysight Technologies

No de pièce M9336A-B12
Description  M9336A PXIe I/Q Arbitrary Waveform Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9336A-B12 Fiches technique(HTML) 9 Page - Keysight Technologies

Back Button M9336A-B12 Datasheet HTML 5Page - Keysight Technologies M9336A-B12 Datasheet HTML 6Page - Keysight Technologies M9336A-B12 Datasheet HTML 7Page - Keysight Technologies M9336A-B12 Datasheet HTML 8Page - Keysight Technologies M9336A-B12 Datasheet HTML 9Page - Keysight Technologies M9336A-B12 Datasheet HTML 10Page - Keysight Technologies M9336A-B12 Datasheet HTML 11Page - Keysight Technologies M9336A-B12 Datasheet HTML 12Page - Keysight Technologies M9336A-B12 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
09 | Keysight | M9336A I/Q Arbitrary Waveform Generator - Data Sheet
General Characteristics
Module characteristics
Bus interface and compatibility
PXIe peripheral module (x8 Gen 2)
Number of slots
1
Module memory (option dependent)
2 or 4 GB
Supported waveform file formats
M9336A binary format (.bin), CSV, Signal Studio (.wfm), and N5110 (.bin)
Front panel connectors
Ext1 and Ext2
SMB male
Channel 1+ and 1-
SMB male
Channel 2+ and 2-
SMB male
Channel 3+ and 3-
SMB male
Ext Clk In
Reserved for future use
Sync
Reserved for future use
Aux port
Reserved for future use
Mechanical
Size
3U/1-slot PXIe standard
130.1 x 21.7 x 210 mm; includes connectors and handle extensions
Weight
544 g (1.2 lbs)
Technical Specifications
DC Power Requirements
DC supply
Typical
Maximum
DC supply current:
+3.3V
2.7 A
3.0 A
+12V
3.3 A
3.8 A
Power dissipation
48 W
54 W
Channel Characteristics
Characteristic
Value
Comments
Number of channels
3
Option dependent
Resolution
16-bit
Maximum channel bandwidth
540 MHz
Option dependent
Maximum modulation (I/Q) bandwidth
1080 MHz
Option dependent
Output coupling
DC
Ch-ch alignment
Between channels 1 and 2
< 20 ps
Between channels 3 and other channels
< 40 ps
Channel delay
Delay range
±0.5*(sample period) or ±1.6 µs whichever is greater Sample period = 1/sample rate
Delay resolution
0.1 ps for sample rates ≥ 2.5 KSa/s
250 ps @ 1 Sa/s
Delay resolution varies with sample rate below
2.5 KSa/s


Numéro de pièce similaire - M9336A-B12

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
More results

Description similaire - M9336A-B12

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M3201A KEYSIGHT-M3201A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3202A KEYSIGHT-M3202A Datasheet
1Mb / 16P
   PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com