Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9351A Fiches technique(PDF) 7 Page - Keysight Technologies

No de pièce M9351A
Description  M9155/6/7C PXI Hybrid Switch Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9351A Fiches technique(HTML) 7 Page - Keysight Technologies

Back Button M9351A Datasheet HTML 2Page - Keysight Technologies M9351A Datasheet HTML 3Page - Keysight Technologies M9351A Datasheet HTML 4Page - Keysight Technologies M9351A Datasheet HTML 5Page - Keysight Technologies M9351A Datasheet HTML 6Page - Keysight Technologies M9351A Datasheet HTML 7Page - Keysight Technologies M9351A Datasheet HTML 8Page - Keysight Technologies M9351A Datasheet HTML 9Page - Keysight Technologies M9351A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Specifications (continued)
General operating data (continued)
M9156C which contains two each of L7222C
Hot switching
1 W CW, 50 W peak, 10 us max pulse width, not to exceed 1 W average
Cold switching
150 W CW at 3 GHz, 25 °C, 120 W CW at 4.2 GHz, 25 °C
M9157C which contains one L7106C
Into internal termination
Hot switching
1 W CW, 50 W peak, 10 µs max pulse width, not to exceed 1 W average
Into thru path
Hot switching
2 W CW, 100 W peak, 10 µs max pulse width, not to exceed 2 W average
Environmental and physical specifications
Temperature
Operating
Non-operating
0 to 55% C
–40 to 70% C
Relative humidity
Operating
Non-operating
95% RF at 40% C, 24 hours cycling, repeated 5 times
50% RH at –10% C to 25% C, 24 hour cycle
Vibration
Operating random
Vibration
Survival random vibration
5 - 500 Hz, 0.3 g RMS
5 - 500 Hz, 3.41 g RMS
Shock
End use handling shock
Transportation shock
Half-sine wave form, 120 in/s, duration < 3 ms
Trapezoidal, 50 g
Altitude test
Operating/non-operation
15,000 ft (4600 m)
ESD Immunity
Air discharge
Direct discharge1
15 kV per IEC61000-4-2
8 kV per IEC61000-4-2
Safety
This product has input power below the requirements as specified in the Low Voltage Directive (2006/95/EC)
EMC
EMC Standard: IEC 61326-1:2005/EN 61326-1:2006
Emissions: CISPR 11:2003/EN55011:2007
Immunity: IEC 61000-4-3:2002 / EN 61000-4-3:2002
Electrostatic Discharge: IEC 61000-4-2:2001/EN 61000-4-2:1995+A1:1998+A2:2001
EMC/EMI: CE, C-Tick
CE compliance
EMC Compatibility Directive (EMC): 2004/108/EC
Warm-up time
Refer to PXI chassis warm up time
Dimensions
M9155C
M9156C
M9157C
3U PXI/CompactPCI standard
Front panel complies with IEEE 1101.10 certification and compliance
174.8 x 128.7 x 20 mm
174.8 x 128.7 x 40.3 mm
174.8 x 128.7 x 60.7 mm
Weight
M9155C
M9156C
M9157C
0.395 kg
0.255 kg
0.340 kg
Connectors
PXI bus via 32 bit P1/J1 backplane connector. Signals via front panel mounted coaxial 3.5 mm (f) or SMA(f) connectors.
Contact Material
Beryllium copper, gold plated
Connector compatibility
PXI-h, PXI-1, cPCI
1. To outer conductor
07 | Keysight | M9155/6/7C PXI Hybrid Switch Modules DC to 26.5 GHz – Data Sheet


Numéro de pièce similaire - M9351A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9351A KEYSIGHT-M9351A Datasheet
1Mb / 12P
   M9362AD01
More results

Description similaire - M9351A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
M9155C KEYSIGHT-M9155C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
M9157C KEYSIGHT-M9157C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
M9155CH40 KEYSIGHT-M9155CH40 Datasheet
667Kb / 2P
   PXI Hybrid Switch Modules
M9102A KEYSIGHT-M9102A Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9101A KEYSIGHT-M9101A Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
M9103A KEYSIGHT-M9103A Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
M9101A KEYSIGHT-M9101A_18 Datasheet
1Mb / 13P
   PXI Multiplexer Switch Modules
M9121A KEYSIGHT-M9121A Datasheet
533Kb / 14P
   PXI Matrix Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com