Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M9362AD01 Fiches technique(PDF) 9 Page - Keysight Technologies

No de pièce M9362AD01
Description  PXIe High-Speed Digitizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9362AD01 Fiches technique(HTML) 9 Page - Keysight Technologies

Back Button M9362AD01 Datasheet HTML 5Page - Keysight Technologies M9362AD01 Datasheet HTML 6Page - Keysight Technologies M9362AD01 Datasheet HTML 7Page - Keysight Technologies M9362AD01 Datasheet HTML 8Page - Keysight Technologies M9362AD01 Datasheet HTML 9Page - Keysight Technologies M9362AD01 Datasheet HTML 10Page - Keysight Technologies M9362AD01 Datasheet HTML 11Page - Keysight Technologies M9362AD01 Datasheet HTML 12Page - Keysight Technologies M9362AD01 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
09 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Technical Specifications and Characteristics (continued)
Digital conversion
Resolution
12 bits
Acquisition memory
-M02
-M10
-M40
256 MB (64 MSamples/ch)
1 GB (256 MSamples/ch)
4 GB (1 GSamples/ch)
Sample clock sources
Internal or external
Internal clock source
Internal, external reference
Real-time sampling rates
-SR2
-SR2, -INT
1.6 GS/s
3.2 GS/s
Sampling jitter
225 fs (nominal)1
Clock accuracy
±15 ppm (nominal)
External clock source (CLK IN MMCX connector)
Impedance
50 Ω (nominal)
Frequency range2
-SR2
1.8 GHz to 3.2 GHz
Signal level
+5 dBm to +15 dBm (nominal), 0 V DC
Coupling
AC
External reference clock (REF IN SMB connector)
Impedance
50 Ω (nominal)
Frequency range
100 MHz ±1 kHz (nominal)
Signal level
–3 dBm to +3 dBm (nominal)
Coupling
AC
Acquisition modes (depends on firmware options)
Single shot, sequence3, continuous
1. Jitter figure based on phase noise integration from 100 Hz to 1600 MHz.
2. The sampling rate corresponds to half of the external clock frequency in 2-channel mode (non interleaved channels). In interleaved mode (only available
with the INT option), the sampling rate corresponds to the frequency of the external clock signal.
3. Up to 131072 records. Record maximum length = memory size/number of channels.


Numéro de pièce similaire - M9362AD01

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F26 KEYSIGHT-M9362AD01-F26 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F40 KEYSIGHT-M9362AD01-F40 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F50 KEYSIGHT-M9362AD01-F50 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
More results

Description similaire - M9362AD01

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com