Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS4002A Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BAS4002A
Description  Reverse voltage: 40 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS4002A Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BAS4002A Datasheet HTML 1Page - Infineon Technologies AG BAS4002A Datasheet HTML 2Page - Infineon Technologies AG BAS4002A Datasheet HTML 3Page - Infineon Technologies AG BAS4002A Datasheet HTML 4Page - Infineon Technologies AG BAS4002A Datasheet HTML 5Page - Infineon Technologies AG BAS4002A Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2008-05-16
2
BAS4002A...
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current1) (per diode)
VR = 30 V
VR = 40 V
IR
-
-
-
-
2
10
µA
Forward voltage1) 2)(per diode)
IF = 10 mA
IF = 60 mA
IF = 100 mA
IF = 200 mA
VF
-
-
-
-
0.39
0.49
0.55
0.69
0.44
0.55
0.62
0.79
V
AC Characteristics
Diode capacitance (per diode)
VR = 5 V, f = 1 MHz
CT
-
2
5
pF
1Pulsed test, tp = 300 µs; D = 0.01
2When used as shown for Reverse Polarity Protection (RPP, see page 4), the voltage available to the circuit
being protected will be two diode drops below the power supply voltage. In other words, the supply current
will pass through two diodes.


Numéro de pièce similaire - BAS4002A

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAS4002A-RPP INFINEON-BAS4002A-RPP Datasheet
806Kb / 6P
   Low VF Schottky Diode Array
2008-05-16
More results

Description similaire - BAS4002A

FabricantNo de pièceFiches techniqueDescription
logo
Rugao Dachang Electroni...
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com