Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6925ADQ Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI6925ADQ
Description  Dual N-Channel 2.5-V (G-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6925ADQ Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI6925ADQ Datasheet HTML 1Page - Vishay Siliconix SI6925ADQ Datasheet HTML 2Page - Vishay Siliconix SI6925ADQ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPICE Device Model Si6925ADQ
Vishay Siliconix
www.vishay.com
Document Number: 72663
2
23-May-04
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.1
V
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 4.5 V
80
A
VGS = 4.5 V, ID = 3.9 A
0.036
0.035
VGS = 3 V, ID = 3.5 A
0.043
0.042
Drain-Source On-State Resistance
a
rDS(on)
VGS = 2.5 V, ID = 3 A
0.052
0.050
Forward Transconductance
a
gfs
VDS = 10 V, ID = 3.9 A
15
14
S
Forward Voltage
a
VSD
IS = 1 A, VGS = 0 V
0.78
0.75
V
Dynamic
b
Total Gate Charge
Qg
4
4
Gate-Source Charge
Qgs
0.90
0.90
Gate-Drain Charge
Qgd
VDS = 6 V, VGS = 4.5 V, ID = 3.9 A
1
1
nC
Turn-On Delay Time
td(on)
52
40
Rise Time
tr
28
50
Turn-Off Delay Time
td(off)
25
20
Fall Time
tf
VDD = 6 V, RL = 6 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
8
10
ns
Notes
a.
Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.


Numéro de pièce similaire - SI6925ADQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6925ADQ VISHAY-SI6925ADQ Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
SI6925ADQ VISHAY-SI6925ADQ Datasheet
110Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6925ADQ-T1-GE3 VISHAY-SI6925ADQ-T1-GE3 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
logo
VBsemi Electronics Co.,...
SI6925ADQ-T1-GE3 VBSEMI-SI6925ADQ-T1-GE3 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI6925ADQ VISHAY-SI6925ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results

Description similaire - SI6925ADQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com