Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OV6620 Datasheet(Fiches technique) 19 Page - List of Unclassifed Manufacturers

Numéro de pièce OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Télécharger  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo 

OV6620 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
14 May 1999
Version 1.11
19
OV6620/OV6120
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Table 11. AC Characteristics (TA=25
oC; Vdd=5V)
Symbol
Descriptions
Max
Typ
Min
Units
RGB/YCrCb output
Iso
maximum sourcing current
15
mA
Vy
DC level at zero signal
Y peak-peak 100% amplitude (without sync)
sync amplitude
1.2
1
0.4
V
V
V
ADC parameters
B
analog bandwidth
MHz
Φdiff
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
1
LSB
Table 12. Timing Characteristics
Symbol
Descriptions
Max
Typ
Min
Units
Oscillator & Clock in
fosc
frequency (XCLK1,XCLK2)
30
17.734
10
MHz
tr , tf
clock input rise/fall time
5
ns
clock input duty cycle
55
50
45
%
I2C timing(400kbit/s)
tBUF
Bus free time between STOP & START
-
-
1.3
ms
tHD:SAT
SCL change after START status
-
-
0.6
µs
tLOW
SCL low period
-
-
1.3
µs
tHIGH
SCL high period
-
-
0.6
µs
tHD:DAT
Data hold time
-
-
0
µs
tSU:DAT
Data set-up time
-
-
0.1
µs
tSU:STP
Set-up time for STOP status
-
-
0.6
µs
Digital timing
tpclk
PCLK cycle time
16 bit operation
8 bit operation
-
-
112
56
ns
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn