Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1160 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRU1160
Description  6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1160 Fiches technique(HTML) 2 Page - International Rectifier

  IRU1160 Datasheet HTML 1Page - International Rectifier IRU1160 Datasheet HTML 2Page - International Rectifier IRU1160 Datasheet HTML 3Page - International Rectifier IRU1160 Datasheet HTML 4Page - International Rectifier IRU1160 Datasheet HTML 5Page - International Rectifier IRU1160 Datasheet HTML 6Page - International Rectifier IRU1160 Datasheet HTML 7Page - International Rectifier IRU1160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Rev. 1.4
08/20/02
IRU1160
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Control Input Voltage (VCTRL) .....................................
14V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
5-PIN PLASTIC TO-263 (M)
5-PIN PLASTIC ULTRA THIN-PAKTM (P)
θJA=35°C/W for 0.5" square pad
θJA=35°C/W for 0.5" square pad
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over CIN=
mF, COUT=10mF, and TJ=0 to 1258C.
Typical values refer to TJ=25
8C. VOUT=VSENSE.
VSENSE
Adj
VOUT
VCTRL
VIN
FRONT VIEW
1
2
3
4
5
Tab is
VOUT
VSENSE
Adj
VOUT
VCTRL
VIN
FRONT VIEW
1
2
3
4
5
Tab is
VOUT
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
(VCTRL - VOUT)
Dropout Voltage (Note 2)
(VIN - VOUT)
Current Limit
Minimum Load Current (Note 3)
Thermal Regulation
Ripple Rejection
VCTRL=2.75, VIN=2V,
Io=10mA,
TJ=25
8C, VADJ=0V
VCTRL=2.7 to 12V, VIN=2.05V to 5.5V,
Io=10mA to 6A, VADJ=0V
VCTRL=2.5V to 7V, VIN=1.75V to 5.5V,
Io=10mA, VADJ=0V
VCTRL=2.75V, VIN=2.1V,
Io=10mA to 6A, VADJ=0V
VADJ=0V for all conditions below:
VIN=2.05V, Io=1.5A
VIN=2.05V, Io=5A
VIN=2.05V, Io=6A
VADJ=0V for all conditions below:
VCTRL=2.75V, Io=1.5A
VCTRL=2.75V, Io=5A
VCTRL=2.75V, Io=6A
VCTRL=2.75V, VIN=2.05V,
DVo=100mV, VADJ=0V
VCTRL=5V, VIN=3.3V, VADJ=0V
30ms Pulse
VCTRL=5V, VIN=5V, Io=5A, VADJ=0V,
TJ=25
8C, VRIPPLE=1VPP at 120Hz
1.225
1.225
6.2
60
1.250
1.250
1.00
1.10
1.20
0.15
0.40
0.55
5
0.01
70
1.275
1.275
3
6
1.30
0.20
0.52
0.62
10
0.02
V
mV
mV
V
V
A
mA
%/W
dB
VREF


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn