Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF100P219 Fiches technique(PDF) 8 Page - Infineon Technologies AG

No de pièce IRF100P219
Description  UPS and Inverter applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF100P219 Fiches technique(HTML) 8 Page - Infineon Technologies AG

Back Button IRF100P219 Datasheet HTML 4Page - Infineon Technologies AG IRF100P219 Datasheet HTML 5Page - Infineon Technologies AG IRF100P219 Datasheet HTML 6Page - Infineon Technologies AG IRF100P219 Datasheet HTML 7Page - Infineon Technologies AG IRF100P219 Datasheet HTML 8Page - Infineon Technologies AG IRF100P219 Datasheet HTML 9Page - Infineon Technologies AG IRF100P219 Datasheet HTML 10Page - Infineon Technologies AG IRF100P219 Datasheet HTML 11Page - Infineon Technologies AG IRF100P219 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Final Datasheet
8
V2.0
2017-12-18
IR MOSFET-StrongIRFET™
IRF100P219
Electrical characteristic diagrams
Figure 11 Drain-to-Source Breakdown Voltage
Figure 12 Typical Coss Stored Energy
Figure 10 Maximum Safe Operating Area
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
TJ , Temperature ( °C )
99
101
103
105
107
109
111
113
115
Id = 2.0mA
0
153045
607590
105
VDS,Drain-to-Source Voltage (V)
0
2
4
6
8
10
12
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by Package


Numéro de pièce similaire - IRF100P219

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-12-18
More results

Description similaire - IRF100P219

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IRF200P222 INFINEON-IRF200P222 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-03-10
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
   UPS and Inverter applications
V1.0 2017-12-18
logo
Shenzhen Huazhimei Semi...
HM70N20T HMSEMI-HM70N20T Datasheet
402Kb / 9P
   UPS and inverter.
logo
International Rectifier
IRLB8721PBF IRF-IRLB8721PBF_15 Datasheet
272Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8743PBF IRF-IRLB8743PBF_15 Datasheet
271Kb / 9P
   Optimized for UPS/Inverter Applications
IRLB8748PBF IRF-IRLB8748PBF_15 Datasheet
270Kb / 9P
   Optimized for UPS/Inverter Applications
IRFR8314PBF IRF-IRFR8314PBF_15 Datasheet
549Kb / 9P
   Optimized for UPS/Inverter Applications
logo
Infineon Technologies A...
IRLB4132PBF INFINEON-IRLB4132PBF Datasheet
2Mb / 9P
   Optimized for UPS/Inverter Applications
2019-08-14
logo
International Rectifier
IRL8114PBF IRF-IRL8114PBF_15 Datasheet
429Kb / 7P
   Optimized for UPS/Inverter Applications
IRLB8314PBF IRF-IRLB8314PBF_15 Datasheet
697Kb / 8P
   Optimized for UPS/Inverter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com