Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-200-20-4VXAEL Fiches technique(PDF) 1 Page - ECS, Inc.

No de pièce CS-200-20-4VXAEL
Description  low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ECS [ECS, Inc.]
Site Internet  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CS-200-20-4VXAEL Fiches technique(HTML) 1 Page - ECS, Inc.

  CS-200-20-4VXAEL Datasheet HTML 1Page - ECS, Inc. CS-200-20-4VXAEL Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
HC-49USSX
UNITS
MIN
TYP
MAX
Frequency
Fo
3.570
50.000
MHz
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-10 ~ +70°C
± 50
ppm
Shunt Capacitance
Co
5
pF
Load Capacitance
Specify in P/N
10
20
Series
pF
Drive Level
DL
500
μW
Operating Temperature*
Topr
-10
+70
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
Mode of Osc.
3.570 ~ 4.999
150
Fundamental
5.000 ~ 5.999
120
Fundamental
6.000 ~ 6.999
100
Fundamental
7.000 ~ 8.999
80
Fundamental
9.000 ~ 12.999
60
Fundamental
13.000 ~ 19.999
50
Fundamental
20.000 ~ 30.000
40
Fundamental
26.999 ~ 39.999
100
3
rd Overtone
40.000 ~ 50.000
80
3
rd Overtone
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The HC-49USSX is the low profile (2.1 mm Max.) resistance weld
type Thru Hole quartz crystal.
HC-49USSX
QUARTZ CRYSTAL
HC-49USSX QUARTZ CRYSTAL
 Cost Effective
 Low Profile
 PB Free/RoHS Compliant
 MSL 1
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-4VX
Figure 1) Side, End and Bottom
200 = 20.000 MHz
See P/N Guide
20 = 20 pF
S = Series
4VX = 2.1 mm
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
Bulk
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C


Numéro de pièce similaire - CS-200-20-4VXAEL

FabricantNo de pièceFiches techniqueDescription
logo
PREMO CORPORATION S.L
CS-200 PREMO-CS-200 Datasheet
180Kb / 1P
   SMD Current Transformer Up to 15A
More results

Description similaire - CS-200-20-4VXAEL

FabricantNo de pièceFiches techniqueDescription
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com