Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1541T Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KTA1541T
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1541T Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KTA1541T Datasheet HTML 1Page - KEC(Korea Electronics) KTA1541T Datasheet HTML 2Page - KEC(Korea Electronics) KTA1541T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 6. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1541T
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
RELAY DRIVERS, LAMP DRIVERS,
MOTOR DRIVERS AND STROBES APPLICATION.
FEATURES
Adoption of MBIT Processes.
Large Current Capacitance.
Low Collector-to-Emitter Saturation Voltage.
High Speed Switching.
Ultrasmall Package facilitates miniaturization in end products.
High Allowable Power Dissipation.
Complementary to KTC3541T.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
TSM
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
B
E
H
J
J
2
1
3
+_
+_
+_
+_
+_
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-1.5
A
Pulse
ICP
-3
Base Current
IB
-300
mA
Collector Power Dissipation
PC *
0.9
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
* Package mounted on a ceramic board (600
0.8 )
Type Name
Marking
Lot No.
S F
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-30V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-0.1
A
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-30
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-30
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-750mA, IB=-15mA
-
-250
-375
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=-750mA, IB=-15mA
-
-0.85
-1.2
V
DC Current Gain
hFE
VCE=-2V, IC=-100mA
200
-
560
Transition Frequency
fT
VCE=-10V, IC=-300mA
-
380
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
-
25
-
pF
Switching
Time
Turn-On Time
ton
-
35
-
nS
Storage Time
tstg
-
115
-
Fall Time
tf
-
30
-
IB1
B2
I
INPUT
OUTPUT
50
24Ω
100
µF
PW=20
µs
DC 1%
470
µF
R
V
B
R
BE
V
=5V
CC
V
=-12V
-20I =20I =I =-500mA
B1
B2 C
<=


Numéro de pièce similaire - KTA1541T

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1542T KEC-KTA1542T Datasheet
89Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1542T KEC-KTA1542T Datasheet
425Kb / 1P
   TSM PACKAGE
KTA1542T KEC-KTA1542T_07 Datasheet
425Kb / 1P
   TSM PACKAGE
KTA1543T KEC-KTA1543T Datasheet
100Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1544T KEC-KTA1544T Datasheet
83Kb / 3P
   RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS AND STROBES APPLICATION.
More results

Description similaire - KTA1541T

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com