Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMW24S15-1000 Fiches technique(PDF) 4 Page - Wall Industries,Inc.

No de pièce DMW24S15-1000
Description  Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24S15-1000 Fiches technique(HTML) 4 Page - Wall Industries,Inc.

  DMW24S15-1000 Datasheet HTML 1Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 2Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 3Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 4Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 5Page - Wall Industries,Inc. DMW24S15-1000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
MECHANICAL DRAWING
STANDARD
WITH HEATSINK
Unit: inches (mm)
Unit: inches (mm)
*Add the suffix “RC” to the part number for Remote On/Off option
The DMW Series converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a
wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads
are tin plated for improved solderability.
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
*Positive Remote ON/OFF (Optional)
1. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
2. Pin: ±0.002 (±0.05)
The Advantages of adding a Heatsink:
1. To help heat dissipation and increase the stability and reliability of DC/DC
converters at high operating temperature atmosphere.
2. To upgrade the operating temperature of DC/DC converters, please refer
to the Derating Curve.
0.402 (10.20)
Side
0.24 (6.0)
0.40 (10.2)
3
4
5
Bottom
1
2
6
0.200 (50.8)
0.40 (10.2)
1.00 (25.4)
0.402 (10.20)
0.1 (2.5)
1.22 (31.0) max
Heatsink
Thermal Pad
Clamp
Converter
0.68 (17.2) max
1. Tolerance: X.XX±0.01 (X.X±0.25)
X.XXX±0.005 (X.XX±0.13)
2. Pin: ±0.002 (±0.05)
Heatsink Specifications
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 0.07oz (2g)


Numéro de pièce similaire - DMW24S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24S15-1000 WALL-DMW24S15-1000 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
More results

Description similaire - DMW24S15-1000

FabricantNo de pièceFiches techniqueDescription
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com