Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZM23601SILT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZM23601SILT
Description  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601SILT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LMZM23601SILT Datasheet HTML 6Page - Texas Instruments LMZM23601SILT Datasheet HTML 7Page - Texas Instruments LMZM23601SILT Datasheet HTML 8Page - Texas Instruments LMZM23601SILT Datasheet HTML 9Page - Texas Instruments LMZM23601SILT Datasheet HTML 10Page - Texas Instruments LMZM23601SILT Datasheet HTML 11Page - Texas Instruments LMZM23601SILT Datasheet HTML 12Page - Texas Instruments LMZM23601SILT Datasheet HTML 13Page - Texas Instruments LMZM23601SILT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Input Voltage (V)
14
14.4
14.8
15.2
15.6
16
16.4
16.8
13
13.2
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
15.2
D039
IOUT = 1.0 A
IOUT = 0.75 A
IOUT = 0.5 A
IOUT = 0.25 A
Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
0
10
20
30
40
50
D042
CISPR11 Class A Limit
CISPR11 Class B Limit
Evaluation Board
Input Voltage (V)
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
6.3
6.5
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
D035
IOUT = 1.0 A
IOUT = 0.75 A
IOUT = 0.5 A
IOUT = 0.25 A
Input Voltage (V)
11
11.4
11.8
12.2
12.6
13
13.4
13.8
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
12.2
D037
IOUT = 1.0 A
IOUT = 0.75 A
IOUT = 0.5 A
IOUT = 0.25 A
Input Voltage (V)
0
4
8
12
16
20
24
28
32
36
10
15
20
25
30
35
40
45
50
55
60
65
70
D041
VOUT = 3.3 V
VOUT = 5.0 V
Input Voltage (V)
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
D033
IOUT = 1.0 A
IOUT = 0.75 A
IOUT = 0.5 A
IOUT = 0.25 A
10
LMZM23601
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
www.ti.com
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7.7 Typical Characteristics
VIN = 24 V, TA = 25°C (unless otherwise noted). Refer to default evaluation board layout and bill of materials.
Fixed output voltage options
EN = VIN
Output voltage in regulation
Load = Open
Figure 1. Input Supply Current
VOUT = 3.3 V
Figure 2. Dropout Voltage
VOUT = 5 V
Figure 3. Dropout Voltage
VOUT = 12 V
Figure 4. Dropout Voltage
VOUT = 15 V
Figure 5. Dropout Voltage
VIN = 24 V
OUT = 5 V
IOUT = 1 A
Default EVM Layout with added 3 × 100pF 0603 CIN
Figure 6. Radiated EMI


Numéro de pièce similaire - LMZM23601SILT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Description similaire - LMZM23601SILT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com