Moteur de recherche de fiches techniques de composants électroniques |
|
AD8610ARZ-REEL7 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD8610ARZ-REEL7 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 20 page REV. D –6– AD8610/AD8620 RESISTANCE LOAD – 100M 10M 1M 100k 10k 1k 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VS = 13V TPC 10. Output Voltage to Supply Rail vs. Load 12.05 11.80 12.00 11.95 11.90 11.85 VS = 13V RL = 1k TEMPERATURE – C 40 25 85 125 TPC 13. Output Voltage High vs. Temperature at ±13 V FREQUENCY – Hz 10k 100k 1M 1k 10M 100M 40 20 0 20 60 40 G = 100 G = 10 G = 1 VS = 13V RL = 2k CL = 20pF TPC 16. Closed-Loop Gain vs. Frequency TEMPERATURE – C 4.25 4.20 3.95 4.15 4.10 4.05 4.00 40 25 85 125 VS = 5V RL = 1k TPC 11. Output Voltage High vs. Temperature at ±5 V TEMPERATURE – C 11.80 12.05 11.85 11.90 11.95 12.00 40 25 85 125 VS = 13V RL = 1k TPC 14. Output Voltage Low vs. Temperature at ±13 V TEMPERATURE – C 260 100 40 25 85 125 220 180 140 VS = 13V VO = 10V RL = 1k 240 200 160 120 TPC 17. AVO vs. Temperature at ±13 V TEMPERATURE – C 3.95 4.05 4.30 4.10 4.15 4.20 4.25 4.00 VS = 5V RL = 1k 40 25 85 125 TPC 12. Output Voltage Low vs. Temperature at ±5 V 40 20 0 60 80 100 120 20 40 60 80 FREQUENCY – MHz 200 100 10 1 VS = 13V RL = 1k MARKER AT 27MHz M = 69.5 CL = 20pF 90 45 0 135 180 225 270 45 90 135 180 TPC 15. Open-Loop Gain and Phase vs. Frequency TEMPERATURE – C 190 100 180 160 140 120 170 150 130 110 40 25 85 125 VS = 5V VO = 3V RL = 1k TPC 18. AVO vs. Temperature at ±5 V |
Numéro de pièce similaire - AD8610ARZ-REEL7 |
|
Description similaire - AD8610ARZ-REEL7 |