Moteur de recherche de fiches techniques de composants électroniques |
|
SD150R25MSC Fiches technique(PDF) 6 Page - International Rectifier |
|
SD150R25MSC Fiches technique(HTML) 6 Page - International Rectifier |
6 / 8 page SD150N/R Series 6 www.irf.com Bulletin I2077 rev. B 11/01 Fig. 3 - Forward Power Loss Characteristics Fig. 2 - Current Ratings Characteristics Fig. 4 - Forward Power Loss Characteristics Fig. 1 - Current Ratings Characteristics 120 130 140 150 160 170 180 0 20 40 60 8 0 100 12 0 1 4 0 1 6 0 30 60 90 120 180 Averag e Forw ard C urren t (A) Cond uc tio n Ang le SD 150N/R Serie s R (D C ) = 0.23 K/W thJ C 11 0 12 0 13 0 14 0 15 0 16 0 17 0 18 0 0 40 80 12 0 16 0 200 240 DC 30 60 90 120 180 Cond u ction P e rio d Averag e Forw ard C urre n t (A) SD 150N/R Se rie s R (D C ) = 0.23 K/W thJ C 20 40 60 80 1 00 1 20 14 0 160 18 0 M a xim um A llow a ble Am bien t Te m p era ture ( C ) 0.6 K/ W 0 .8 K/W 1 K /W 1.4 K /W 1.8 K /W 0 20 40 60 80 100 120 140 160 180 200 220 0 20 40 60 80 100 120 140 160 180 120 90 60 30 RM S Lim it Co nd uc tio n A ng le A ve ra g e Forw ard C urre n t (A ) SD 150N/R Se rie s T = 180 C J 20 40 60 80 100 120 140 160 180 M axim um A llo w ab le Am bien t Te m p era ture ( C ) 1 .8 K /W 1 .4 K /W 1 K /W 0 .8 K/W 0. 6 K/W 0 .5 K/W 0.4 K/ W 0 50 100 150 200 250 300 0 50 100 150 200 250 DC 180 120 90 60 30 RM S Lim it C ond uc tion P eriod A vera g e Fo rw ard C urren t (A) SD 150N/R Se ries T = 180 C J |
Numéro de pièce similaire - SD150R25MSC |
|
Description similaire - SD150R25MSC |