Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB12S12-2500 Fiches technique(PDF) 3 Page - Wall Industries,Inc.

No de pièce CB12S12-2500
Description  Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CB12S12-2500 Fiches technique(HTML) 3 Page - Wall Industries,Inc.

  CB12S12-2500 Datasheet HTML 1Page - Wall Industries,Inc. CB12S12-2500 Datasheet HTML 2Page - Wall Industries,Inc. CB12S12-2500 Datasheet HTML 3Page - Wall Industries,Inc. CB12S12-2500 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Rev A
CB Series
Single and Dual Outputs
30 Watt DC/DC Converter
2:1 Wide Input Voltage Range
DERATING CURVES & EFFICIENCY GRAPHS
Recommended Filters for EN55022 Class A Compliance
The components used in the figures above together with the manufacturers’ part numbers for these components are as follows
Single Output
C1
C2 & C3
Dual Output
C1
C2 & C4
CB12Sxx-xxxx
10µF/25V 1812 MLCC
1000pF/2KV 1808 MLCC
CB12Sxx-xxxx
10µF/25V 1812 MLCC
1000pF/2KV 1808 MLCC
CB24Sxx-xxxx
6.8µF/50V 1812 MLCC
1000pF/2KV 1808 MLCC
CB24Dxx-xxxx
6.8µF/50V 1812 MLCC
1000pF/2KV 1808 MLCC
CB48Sxx-xxxx
2.2µF/100V 1812 MLCC 1000pF/2KV 1808 MLCC
CB48Dxx-xxxx
2.2µF/100V 1812 MLCC
1000pF/2KV 1808 MLCC
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
65
CB48S5-6000 DERATING CURVE
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
71
CB48S5-6000 DERATING CURVE WITH HEATSINK
FED30-48S05 Efficiency VS Output Load
85%
87%
89%
91%
93%
95%
36
40
44
48
52
56
60
64
68
72
76
INPUT VOLTAGE (V)
CB48S5-6000 EFFICIENCY VS INPUT VOLTAGE
FED30-48S05 Efficiency VS Output Load
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
CB48S5-6000 EFFICIENCY VS OUTPUT LOAD


Numéro de pièce similaire - CB12S12-2500

FabricantNo de pièceFiches techniqueDescription
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
Cooper Bussmann, Inc.
CB123-10B COOPER-CB123-10B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-10HB COOPER-CB123-10HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15B COOPER-CB123-15B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15HB COOPER-CB123-15HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Description similaire - CB12S12-2500

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com