Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS20N60PB Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce TS20N60PB
Description  20A,600V N-Channel Planar Process Power MOSFETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TS20N60PB Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  TS20N60PB Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TS20N60PB Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TS20N60PB Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb Free Plating Product
TS20N60PB
20A,600V N-Channel Planar Process Power MOSFETs
Pb
TS20N60PB
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.08C
Features
RDS(ON) = 0.36 ohm
ID = 20A
BVDSS = 600V
2. Drain
3. Source
1. Gate
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-3PB pkg is well suited for
adaptor power units,amplifiers,inverters and SMPS application.
TO-3PB
1
2
3
20A, 600V, R DS(on) = 0.36 Ω @VGS = 10 V
• Low gate charge ( typical 14 nC)
• Low Crss ( typical 20 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Electrical Characteristics @ Ta=25℃ (unless otherwise specified)
a) Absolute Maximum Ratings:
Symbol
Parameter
Value
Units
VDSS
Drain-to-Source Breakdown Voltage
600
V
ID
Drain Current (continuous) at Tc=25℃
20
A
IDM
Drain Current (pulsed)
80
A
VGS
Gate to Source Voltage
+/-30
V
Ptot
Power Dissipation at Tc=25℃
250
W
Derating Factor above 25℃
2.0
W/℃
Tj
Max. Operating Junction Temperature
175
EAS
Single Pulse Avalanche Energy
1200
mJ


Numéro de pièce similaire - TS20N60PB

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
CUI INC
TS20 CUI-TS20 Datasheet
391Kb / 4P
   TACTILE SWITCH
05/10/2022
TS20-42-25-WT-160-SMT-TR CUI-TS20-42-25-WT-160-SMT-TR Datasheet
391Kb / 4P
   TACTILE SWITCH
05/10/2022
logo
Bothhand USA, LP.
TS20-HF BOTHHAND-TS20-HF Datasheet
226Kb / 2P
   Complying with ROHS & Halogen Free requirements.
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
More results

Description similaire - TS20N60PB

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
K2837 THINKISEMI-K2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA20N50M THINKISEMI-TSA20N50M Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Rev.11T
SLW20N50C THINKISEMI-SLW20N50C Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TK20J50D THINKISEMI-TK20J50D Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
FSW25N50C THINKISEMI-FSW25N50C Datasheet
1Mb / 7P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK2837 THINKISEMI-2SK2837 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K4108 THINKISEMI-K4108 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
2SK4108 THINKISEMI-2SK4108 Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
K20J50D THINKISEMI-K20J50D Datasheet
1Mb / 6P
   THINKISEMI 20A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
IRFP250NPBF THINKISEMI-IRFP250NPBF Datasheet
2Mb / 8P
   ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com