Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QXXXXLTX Fiches technique(PDF) 6 Page - Littelfuse

No de pièce QXXXXLTX
Description  The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXXXXLTX Fiches technique(HTML) 6 Page - Littelfuse

  QXXXXLTX Datasheet HTML 1Page - Littelfuse QXXXXLTX Datasheet HTML 2Page - Littelfuse QXXXXLTX Datasheet HTML 3Page - Littelfuse QXXXXLTX Datasheet HTML 4Page - Littelfuse QXXXXLTX Datasheet HTML 5Page - Littelfuse QXXXXLTX Datasheet HTML 6Page - Littelfuse QXXXXLTX Datasheet HTML 7Page - Littelfuse QXXXXLTX Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/14/14
Teccor® brand Thyristors
4 / 6 / 8 / 10 / 15 Amp Quadracs
Soldering Parameters
Reflow Condition
Pb–Freeassembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Environmental Specifications
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition A
Rated V
DRM (VAC-peak), 125°C, 1008
hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 150°C, 15-minute dwell,
100 cycles
Biased Temperature &
Humidity
EIA/JEDEC:JESD22-A101
320VDC,85°C,85%RH,1008hours
High Temp Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell,
10-second transfer, 10 cycles
Autoclave
(Pressure Cooker Test)
EIA/JEDEC:JESD22-A102
121°C,100%RH,2atm,168hours
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002,Category3,TestA
Lead Bend
MIL-STD-750:Method2036,ConditionE
Physical Specifications
Terminal Finish
1005 Matte Tin-plated
Body Material
ULRecognizedepoxymeeting
flammabilityclassification94v-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating.Otherwaystoensurelonglifeforapowerdiscrete
semiconductor are proper heat sinking and selection of
voltageratingsforworstcaseconditions.Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Numéro de pièce similaire - QXXXXLTX

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Description similaire - QXXXXLTX

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
QXX04LT LITTELFUSE-QXX04LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
E-Tech Electronics LTD
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
G2N4401 ETL-G2N4401 Datasheet
132Kb / 2P
   The G2N4401 is designed for general purpose switching and amplifier applications.
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
   The G2N5551 is designed for general purpose switching and amplifier applications.
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
   The G2N3904 is designed for general purpose switching and amplifier applications.
G1270 ETL-G1270 Datasheet
171Kb / 2P
   The G1270 is designed for general purpose switching and amplifier applications
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
   The G2N4403 is designed for general purpose switching and amplifier applications.
logo
Littelfuse
QJXX16XHX LITTELFUSE-QJXX16XHX Datasheet
1Mb / 8P
   This 16A high temperature alternistor triac solid state switch series is designed for AC switching and phase
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com