Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ-2523-SMT-TR Fiches technique(PDF) 1 Page - CUI INC

No de pièce MJ-2523-SMT-TR
Description  AUDIO JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

MJ-2523-SMT-TR Fiches technique(HTML) 1 Page - CUI INC

  MJ-2523-SMT-TR Datasheet HTML 1Page - CUI INC MJ-2523-SMT-TR Datasheet HTML 2Page - CUI INC MJ-2523-SMT-TR Datasheet HTML 3Page - CUI INC MJ-2523-SMT-TR Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 01/12/2018
page 1 of 4
cui.com
MODEL: MJ-2523-SMT-TR
│ DESCRIPTION: AUDIO JACK
FEATURES
• surface mount
• horizontal
• tip switch
• tape and reel package
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
at a rate of 24 cycles/minute
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
2. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity <80%
40
°C
reflow soldering3
see reflow profile
255
260
265
°C
drying conditions4
parts in reel: bake at 40°C ±5°C for 72 hours
parts removed from reel: bake at 40°C ±5°C for 10 hours
Note:
3. Must reflow solder within 72 hours from opening vacuum packaging at a temperature <30°C & relative humidity <60%.
4. When exceeding floor life by >72 hours.
150
50
270
260
250
240
217
180
120
60
70
140
250340
380430
60
120
180
240300
360
420
480
Time (sec)
For more information, please visit the product page.


Numéro de pièce similaire - MJ-2523-SMT-TR

FabricantNo de pièceFiches techniqueDescription
logo
CUI Devices
MJ-2523-SMT-TR CUID-MJ-2523-SMT-TR Datasheet
359Kb / 4P
   AUDIO JACK
01/23/2023
More results

Description similaire - MJ-2523-SMT-TR

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
SJ2-256X-SMT CUI-SJ2-256X-SMT Datasheet
595Kb / 4P
   AUDIO JACK
SJ1-251X-SMT CUI-SJ1-251X-SMT_18 Datasheet
576Kb / 4P
   AUDIO JACK
SJ1-351X-SMT CUI-SJ1-351X-SMT_18 Datasheet
564Kb / 4P
   AUDIO JACK
logo
CUI Devices
MJ-2508 CUID-MJ-2508 Datasheet
468Kb / 3P
   AUDIO JACK
04/12/2023
MJ-3502N CUID-MJ-3502N Datasheet
332Kb / 3P
   AUDIO JACK
04/01/2020
MJ-63022A CUID-MJ-63022A Datasheet
416Kb / 3P
   AUDIO JACK
08/17/2022
logo
CUI INC
SJ2-252X-SMT CUI-SJ2-252X-SMT Datasheet
714Kb / 4P
   AUDIO JACK
MJ1-2503A CUI-MJ1-2503A Datasheet
285Kb / 3P
   AUDIO JACK
SJ-3553A-SMT-TR-67 CUI-SJ-3553A-SMT-TR-67 Datasheet
621Kb / 5P
   AUDIO JACK
logo
CUI Devices
MJ-3536 CUID-MJ-3536 Datasheet
463Kb / 3P
   AUDIO JACK
03/06/2023
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com