Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ-2509N Fiches technique(PDF) 2 Page - CUI INC

No de pièce MJ-2509N
Description  2.5 MM AUDIO JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

MJ-2509N Fiches technique(HTML) 2 Page - CUI INC

  MJ-2509N Datasheet HTML 1Page - CUI INC MJ-2509N Datasheet HTML 2Page - CUI INC MJ-2509N Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ MODEL: MJ-2509N │ DESCRIPTION: 2.5 MM AUDIO JACK
date 02/06/2018
│ page 2 of 3
MECHANICAL DRAWING
units: mm
tolerance:
X. ±0.5 mm
X.X ±0.3 mm
X.XX ±0.15 mm
Model No.
MJ-2509N
Schematic
PIN
1
sleeve
2
tip switch
3
tip
1.1
(3 PLCS)
0.043
0.079
2.0
1.60.063
(2 PLCS)
0.157
4.00
0.374
9.50
0.386
9.80
0.295
7.50
0.161
4.10
2.50 0.098
3.00 0.118
4.10 0.161
2.50 0.098
0.118
9.8
3.00
0.386
2.00 0.079
1.40 0.055
0.394
10.0
0.90 0.035
(TYP)
9.50.374
0.331
0.157
4.0
0.118
3.00
8.4
7.50.295
2
1
3
2
1
TOP VIEW
PCB LAYOUT
3
2.0
5.0
0.134
0.197
5.00.197
3.4
2.60.102
0.079
0.197
5.0
2.200.087
2
1
3
Ø2.5 MATING PLUG
MATERIAL
PLATING
terminal 1
PBS
tin
terminal 2
brass
tin
terminal 3
PBS
tin
plastic
PBT
For more information, please visit the product page.


Numéro de pièce similaire - MJ-2509N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MJ-2509N ETC1-MJ-2509N Datasheet
56Kb / 1P
   MJ-2509N
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
   2.5 MM AUDIO JACK
10/04/2019
More results

Description similaire - MJ-2509N

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
   2.5 MM AUDIO JACK
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
   2.5 MM AUDIO JACK
10/04/2019
logo
CUI INC
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
   2.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com