Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA6849H Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TEA6849H
Description  New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6849H Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TEA6849H Datasheet HTML 5Page - NXP Semiconductors TEA6849H Datasheet HTML 6Page - NXP Semiconductors TEA6849H Datasheet HTML 7Page - NXP Semiconductors TEA6849H Datasheet HTML 8Page - NXP Semiconductors TEA6849H Datasheet HTML 9Page - NXP Semiconductors TEA6849H Datasheet HTML 10Page - NXP Semiconductors TEA6849H Datasheet HTML 11Page - NXP Semiconductors TEA6849H Datasheet HTML 12Page - NXP Semiconductors TEA6849H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
2003 Dec 19
9
Philips Semiconductors
Product specification
New In Car Entertainment car radio tuner IC with
Precision Adjacent Channel Suppression (NICE-PACS)
TEA6849H
7
FUNCTIONAL DESCRIPTION
7.1
Oscillators
7.1.1
VCO
The varactor tuned VCO provides the local oscillator signal
for both FM and AM mixer 1. It has a frequency range of
162.9 to 248.2 MHz.
7.1.2
PLL
Fast synthesizer PLL tuning system with local control for
inaudible RDS updating.
7.1.3
CRYSTAL OSCILLATOR
The crystal oscillator provides a 20.5 MHz signal that is
used for:
• Reference frequency for frequency synthesizer PLL
• Local oscillator for AM mixer 2 and FM mixer 2
• Reference frequency for the IF counter
• Timing signal for the RDS update algorithm
• Reference frequency (75.368 kHz) for the TEA688x (car
audio signal processor - CASP) or TEF689x (car radio
integrated signal processor - CRISP).
7.2
DAA
To reduce the number of manual alignments in production
the following I2C-bus controlled Digital Auto Alignment
(DAA) functions are included:
• FM RF DAA
– 7-bit DAA circuitry for the conversion of the VCO
tuning voltage to a controlled alignment voltage for
the FM antenna tank circuit
• FM and AM level DAA
– Level DAA circuitry for alignment of slope (3-bit) and
starting point (5-bit) of the level curve
• IF2 centre DAA
– Centre frequency alignment (7-bit) of integrated
FM IF2 dynamic selectivity.
7.3
FM signal channel
7.3.1
FM MIXER 1
FM quadrature mixer converts FM RF (65 to 108 MHz and
weather band) to IF of 10.7 MHz. The FM mixer provides
inherent image rejection and high RF sensitivity.
It is capable of tuning the US FM, US weather,
Europe FM, Japan FM and East Europe FM bands:
• US FM = 87.9 to 107.9 MHz
• US weather FM = 162.4 to 162.55 MHz
• Europe FM = 87.5 to 108 MHz
• Japan FM = 76 to 91 MHz
• East Europe FM = 65 to 74 MHz.
7.3.2
BUFFER OUTPUT FOR WEATHER BAND FLAG
(PIN WBFLAG)
The buffer output on pin WBFLAG is HIGH for weather
band mode.
7.3.3
FM KEYED AGC
The AGC threshold is programmable and the keyed AGC
function is switchable via the I2C-bus. AGC detection
occurs at the input of the first FM mixer. If the keyed AGC
function is activated, the AGC is keyed only by the narrow
band level. The AGC PIN diode drive can be activated via
the I2C-bus as a local function for search tuning. The AGC
sources a constant 10 mA current into the FM PIN diode in
AM mode.
7.3.4
FM IF AMPLIFIER
The FM IF amplifier provides 18 dB amplification with high
linearity over a wide dynamic range.
7.3.5
FM MIXER 2
The FM mixer 2 converts 10.7 MHz FM IF1 to 450 kHz
FM IF2 in I and Q phase to achieve image rejection in the
demodulator.


Numéro de pièce similaire - TEA6849H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
More results

Description similaire - TEA6849H

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com