Moteur de recherche de fiches techniques de composants électroniques |
|
SMP9410 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SMP9410 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 13 page 6 SMP9410 SUMMIT MICROELECTRONICS, Inc. Preliminary Information 2056 2.0 10/04/02 Note (1) These values are guaranteed by design. Refer to the timing diagram in Figure 4. Table 1. Data/Clock Timing 2056 Table01 AC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions) l o b m y Sr e t e m a r a Ps n o i t i d n o C. n i M. x a Ms t i n U f L C S y c n e u q e r f k c o l c L C S 00 0 1z H k t W O L d o i r e p w o l k c o l C 7 . 4s µ t H G I H d o i r e p h g i h k c o l C 0 . 4s µ t F U B ) 1 ( e m i t e e r f s u Bn o i s s i m s n a r t w e n e r o f e B7 . 4s µ t A T S : U S e m i t p u t e s n o i t i d n o c t r a t S 7 . 4s µ t A T S : D H e m i t d l o h n o i t i d n o c t r a t S 0 . 4s µ t O T S : U S e m i t p u t e s n o i t i d n o c p o t S 7 . 4s µ t A A t u p t u o d i l a v o t e g d e k c o l C) n e l c y c ( A D S d i l a v o t w o l L C S3 . 05 . 3s µ t H D e m i t d l o h t u O a t a De g n a h c A D S o t ) 1 + n e l c y c ( w o l L C S3 . 0s µ t R ) 1 ( e m i t e s i r A D S d n a L C S 0 0 0 1s n t F ) 1 ( e m i t l l a f A D S d n a L C S 0 0 3s n t T A D : U S e m i t p u t e s n I a t a D 0 5 2s n t T A D : D H e m i t d l o h n I a t a D 0s n I T) 1 ( A D S d n a L C S r e t l i f e s i o Nn o i s s e r p p u s e s i o N0 0 1s n t R W e m i t e l c y c e t i r W 5s m |
Numéro de pièce similaire - SMP9410 |
|
Description similaire - SMP9410 |