Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTE314 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE314
Description  Silicon Controlled Rectifier (SCR) Power Regulator Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE314 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE314 Datasheet HTML 1Page - NTE Electronics NTE314 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE314
Silicon Controlled Rectifier (SCR)
Power Regulator Switch
Description:
The NTE314 is a silicon controlled rectifier (SCR) in a TO3 type package designed for 12.5 Ampere
RMS, 400 Volt power supply and computer control applications to +100
°C maximum junction.
Features:
D Low Forward “ON” Voltage
D All Diffused Junctions for Greater Parameter Uniformity
D Glass Passivated for Greater Stability
Absolute Maximum Ratings:
Peak Repetitive Forward and Reverse Blocking Voltage (Note 1), VDRM, VRRM
400V
. . . . . . . . . . . .
RMS Forward Current (TC = +80°C, All Conduction Angles), IT(RMS)
12.5A
. . . . . . . . . . . . . . . . . . . .
Peak Forward Surge Current (1/2 Cycle Sine Wave, 60Hz, TJ = –40° to +100°C), ITSM
200A
. . . . .
Fusing Current (TJ = –40° to +100°C, t = 1 to 8.3ms), I2t
170A2s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Peak Gate Power, PGM
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Average Gate Power, PG(AV)
0.5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Peak Gate Current, IGM
2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Gate Voltage, VGF
19V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Reverse Gate Voltage, VGR
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–40
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
1.7
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. VDRM and VRRM can be applied on a continuous DC basis without incurrent damage. Ratings
apply for zero or negative gate voltage. Devices should not be tested for blocking capability
in a manner such that the voltage supplied exceeds the rated blocking voltage.
Electrical Characteristics: (VD = 400V, TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Forward Blocking Current
IDRM
TJ = +100°C
3
mA
TJ = +25°C
10
µA
Peak Reverse Blocking Current
IRRM
TJ = +100°C
1.5
mA
TJ = +25°C
10
µA


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn