Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL640D90 Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
AM29DL640D90 Fiches technique(HTML) 8 Page - Advanced Micro Devices |
8 / 54 page October 7, 2004 Am29DL640D 7 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to con- firm availability of specific valid combinations and to check on newly released combinations. Am29DL640D 90 E I OPTIONAL PROCESSING Blank = Standard Processing N = 16-byte ESN devices (Contact an AMD representative for more information) TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) WH = 63-Ball Fine-Pitch Ball Grid Array, 0.80 mm pitch, 12 x 11 mm package (FBE063) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29DL640D 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations for TSOP Packages Am29DL640D90 EI Am29DL640D120 EI, EE Valid Combinations for BGA Packages Order Number Package Marking Am29DL640D90 WHI D640D90V I Am29DL640D120 WHI, WHE D640D12V I, E |
Numéro de pièce similaire - AM29DL640D90 |
|
Description similaire - AM29DL640D90 |