Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT3G14DC Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74AHCT3G14DC
Description  Inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT3G14DC Fiches technique(HTML) 2 Page - NXP Semiconductors

  74AHCT3G14DC Datasheet HTML 1Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2004 Oct 18
2
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
FEATURES
• Symmetrical output impedance
• High noise immunity
• ESD protection:
– HBM EIA/JESD22-A114-B exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V
– CDM EIA/JESD22-C101 exceeds 500 V.
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
APPLICATIONS
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators.
DESCRIPTION
The 74AHC3G/AHCT3G14 is a high-speed Si-gate CMOS
device.
The 74AHC3G/AHCT3G14 provides three inverting
buffers with Schmitt-trigger action. These devices are
capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3.0 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
AHC3G14
AHCT3G14
tPHL/tPLH
propagation delay A to Y
CL = 15 pF; VCC = 5 V
3.2
4.1
ns
CI
input capacitance
1.5
1.5
pF
CPD
power dissipation capacitance
CL = 15 pF; f = 1 MHz;
notes 1 and 2
10
12
pF
INPUT
OUTPUT
nA
nY
LH
HL


Numéro de pièce similaire - 74AHCT3G14DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT3G14DC NXP-74AHCT3G14DC Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14DC-Q100 NEXPERIA-74AHCT3G14DC-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Description similaire - 74AHCT3G14DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21