Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1611A Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS1611A
Description  TRIAC Dimmable LED Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1611A Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS1611A Datasheet HTML 3Page - Cirrus Logic CS1611A Datasheet HTML 4Page - Cirrus Logic CS1611A Datasheet HTML 5Page - Cirrus Logic CS1611A Datasheet HTML 6Page - Cirrus Logic CS1611A Datasheet HTML 7Page - Cirrus Logic CS1611A Datasheet HTML 8Page - Cirrus Logic CS1611A Datasheet HTML 9Page - Cirrus Logic CS1611A Datasheet HTML 10Page - Cirrus Logic CS1611A Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CS1610A/11A
CS1612A/13A
DS976PP4
7
4. TYPICAL PERFORMANCE PLOTS
Figure 3. UVLO Characteristics
Figure 4. Supply Current vs. Voltage
Figure 5. Turn On/Off Threshold Voltage vs. Temperature
Figure 6. Zener Voltage vs. Temperature
Figure 7. Gate Drive Resistance vs. Temperature
Figure 8. Reference Current Iref Drift vs. Temperature
0
1
2
3
-50
0
50
100
150
Temperature (ºC)
-2
0
2
4
6
8
02468
10
12
14
16
18
20
VDD (V)
Rising Edge
Falling Edge
7
8
9
10
-50
0
50
100
150
Temperature (ºC)
Turn Off
Turn On
18
18.5
19
19.5
20
-50
0
50
100
150
Temperature (ºC)
0
10
20
30
40
-50
0
50
100
150
Temperature (ºC)
Sink
Source
0
10
20
30
40
-50
0
50
100
150
Temperature (ºC)
Sink
Source
-2.0
-1.5
-1.0
-0.5
0.0
0.5
-50
0
50
100
150
Temperature (ºC)


Numéro de pièce similaire - CS1611A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS1611 APEX-CS1611 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1611 CIRRUS-CS1611 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
More results

Description similaire - CS1611A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
   2-Channel TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com