Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1021R Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI1021R
Description  P-Channel 60 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1021R Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI1021R Datasheet HTML 1Page - Vishay Siliconix SI1021R Datasheet HTML 2Page - Vishay Siliconix SI1021R Datasheet HTML 3Page - Vishay Siliconix SI1021R Datasheet HTML 4Page - Vishay Siliconix SI1021R Datasheet HTML 5Page - Vishay Siliconix SI1021R Datasheet HTML 6Page - Vishay Siliconix SI1021R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C15-1445-Rev. F, 23-Nov-15
1
Document Number: 71348
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SC-75A: 3 Leads
DWG: 5868
Notes
Dimensions in millimeters will govern.
1.Dimension D does not include mold flash, protrusions or gate
burrs. Mold flash protrusions or gate burrs shall not exceed
0.10 mm per end. Dimension E1 does not include Interlead flash
or protrusion. Interlead flash or protrusion shall not exceed
0.10 mm per side.
2.Dimensions D and E1 are determined at the outmost extremes of
the plastic body exclusive of mold flash, tie bar burrs, gate burrs
and interlead flash, but including any mismatch between the top
and bottom of the plastic body.
3.Datums A, B and D to be determined 0.10 mm from the lead tip.
4.Terminal positions are shown for reference only.
5.These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
C
M
B
A –
2X
1
2
3
1
2
C
4
3
D
3
D
bbb
D
e2
B1(b1)
3
e1
2XB1
E1
2X
e3
2
E
E/2
4X
D
Seating Plane
Base Metal
With Tin Planting
Section B-B
5
B1
b1
c1
L2
2X
1
ddd
C
C
1
1
DIMENSIONS
TOLERANCES
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.10
DIM.
MILLIMETERS
NOTE
MIN.
NOM.
MAX.
A-
-
0.80
A1
0.00
-
0.10
A2
0.65
0.70
0.80
B1
0.19
-
0.24
5
b1
0.17
-
0.21
c0.13
-
0.15
5
c1
0.10
-
0.12
5
D
1.48
1.575
1.68
1, 2
E
1.50
1.60
1.70
E1
0.66
0.76
0.86
1, 2
e1
0.50 BSC
e2
1.00 BSC
e3
0.50 BSC
L
0.15
0.205
0.30
L1
0.40 ref.
L2
0.15 BSC
q0°
-
q1
-
10°


Numéro de pièce similaire - SI1021R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1021R VISHAY-SI1021R Datasheet
54Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. C, 01-Jul-02
SI1021R VISHAY-SI1021R Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
SI1021R VISHAY-SI1021R Datasheet
156Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1021R-T1-E3 VISHAY-SI1021R-T1-E3 Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
SI1021R-T1-GE3 VISHAY-SI1021R-T1-GE3 Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
More results

Description similaire - SI1021R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com