Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

PI3C3125 Fiches technique(PDF) 5 Page - Pericom Semiconductor Corporation

No de pièce PI3C3125
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3125 Fiches technique(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3C3125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3125 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8153B
12/10/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C3125/PI3C3126
2.5V/3.3V,HighBandwidth,
Hot Insertion, 4-Bit, 2-Port Bus Switch
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
VIN, (V)
VCC = 3.3V
3.1V
2.9V
2.7V
2.5V
2.3V
3.6V
3.8V
3.4V
3.2V
3.0V
2.8V
Output Voltage vs. Input Voltage over Various Supply Voltages
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
L
5
2
1
3
C
3
I
P)
L
(
P
O
S
S
T
-
4
1C
º
5
8
+
o
t
C
º
0
4
–
W
5
2
1
3
C
3
I
P)
W
(
C
I
O
S
-
4
1C
º
5
8
+
o
t
C
º
0
4
–
Q
5
2
1
3
C
3
I
P)
Q
(
P
O
S
Q
-
6
1C
º
5
8
+
o
t
C
º
0
4
–
L
6
2
1
3
C
3
I
P)
L
(
P
O
S
S
T
-
4
1C
º
5
8
+
o
t
C
º
0
4
–
W
6
2
1
3
C
3
I
P)
W
(
C
I
O
S
-
4
1C
º
5
8
+
o
t
C
º
0
4
–
Q
6
2
1
3
C
3
I
P)
Q
(
P
O
S
Q
-
6
1C
º
5
8
+
o
t
C
º
0
4
–
OrderingInformation
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Output Voltage vs. Input Voltage over Various Supply Voltages


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn