Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27W512-80K6E Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M27W512-80K6E
Description  512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512-80K6E Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M27W512-80K6E Datasheet HTML 7Page - STMicroelectronics M27W512-80K6E Datasheet HTML 8Page - STMicroelectronics M27W512-80K6E Datasheet HTML 9Page - STMicroelectronics M27W512-80K6E Datasheet HTML 10Page - STMicroelectronics M27W512-80K6E Datasheet HTML 11Page - STMicroelectronics M27W512-80K6E Datasheet HTML 12Page - STMicroelectronics M27W512-80K6E Datasheet HTML 13Page - STMicroelectronics M27W512-80K6E Datasheet HTML 14Page - STMicroelectronics M27W512-80K6E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
M27W512
Table 7. Read Mode DC Characteristics
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 8. Read Mode AC Characteristics
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Parameter
Test Condition (1)
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
VCC ≤ 3.6V
15
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V,
VCC ≤ 3.6V
15
µA
IPP
Program Current
VPP = VCC
10
µA
VIL
Input Low Voltage
–0.6
0.2 VCC
V
VIH
(2)
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –1mA
2.4
V
Symbol
Alt
Parameter
Test
Condition (1)
M27W512
Unit
-80 (3)
-100
(-120/-150/-200)
VCC = 3.0 to 3.6V
VCC = 2.7 to 3.6V
VCC = 2.7 to 3.6V
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL,
G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
40
50
60
ns
tEHQZ
(2)
tDF
Chip Enable High
to Output Hi-Z
G = VIL
040050060
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E = VIL
040050060
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL,
G = VIL
000
ns


Numéro de pièce similaire - M27W512-80K6E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27W512-80K6TR STMICROELECTRONICS-M27W512-80K6TR Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
More results

Description similaire - M27W512-80K6E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W101 STMICROELECTRONICS-M27W101_06 Datasheet
211Kb / 23P
   1 Mbit (128Kb x8) Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com