Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP112NAIDRLR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP112NAIDRLR
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112NAIDRLR Fiches technique(HTML) 5 Page - Texas Instruments

  TMP112NAIDRLR Datasheet HTML 1Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 2Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 3Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 4Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 5Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 6Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 7Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 8Page - Texas Instruments TMP112NAIDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TMP112
www.ti.com
SBOS473F – MARCH 2009 – REVISED FEBRUARY 2018
Product Folder Links: TMP112
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
At TA = +25°C and VS = +1.4V to +3.6V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Temperature range
–40
+125
°C
Accuracy
(temperature
error)
TMP112A
+25°C, V+ = 3.3 V
±0.1
±0.5
°C
0°C to +65°C, V+ = 3.3 V
±0.25
±0.5
–40°C to +125°C
±0.5
±1
TMP112B
+25°C, V+ = 1.8 V
±0.1
±0.5
0°C to +65°C, V+ = 1.8 V
±0.25
±0.5
–40°C to +125°C
±0.5
±1
TMP112N
–40°C to +125°C
±1
DC power-supply sensitivity
–40°C to +125°C
0.0625
±0.25
°C/V
Long-term stability
3000 hours
< 1
LSB
Resolution (LSB)
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
pF
VIH
Input logic level
0.7 (V+)
3.6
V
VIL
–0.5
0.3 (V+)
IIN
Input current
0 < VIN < 3.6 V
1
μA
VOL SDA
Output logic level
V+ > 2 V, IOL = 3 mA
0
0.4
V
V+ < 2 V, IOL = 3 mA
0
0.2 (V+)
VOL ALERT
V+ > 2 V, IOL = 3 mA
0
0.4
V
V+ < 2 V, IOL = 3 mA
0
0.2 (V+)
Resolution
12
Bits
Conversion time
26
35
ms
Conversion modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1
1
CR1 = 1, CR0 = 0 (default)
4
CR1 = 1, CR0 = 1
8
Timeout time
30
40
ms
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
IQ
Average quiescent current
Serial bus inactive, CR1 = 1, CR0 = 0
(default)
7
10
μA
Serial bus active, SCL frequency = 400 kHz
15
Serial bus active, SCL frequency = 3.4 MHz
85
ISD
Shutdown current
Serial bus inactive
0.5
1
μA
Serial bus active, SCL frequency = 400 kHz
10
Serial bus active, SCL frequency = 3.4 MHz
80


Numéro de pièce similaire - TMP112NAIDRLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP112NAIDRLR TI1-TMP112NAIDRLR Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
More results

Description similaire - TMP112NAIDRLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
   Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com