Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP112 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TMP112
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112 Fiches technique(HTML) 1 Page - Texas Instruments

  TMP112_18 Datasheet HTML 1Page - Texas Instruments TMP112_18 Datasheet HTML 2Page - Texas Instruments TMP112_18 Datasheet HTML 3Page - Texas Instruments TMP112_18 Datasheet HTML 4Page - Texas Instruments TMP112_18 Datasheet HTML 5Page - Texas Instruments TMP112_18 Datasheet HTML 6Page - Texas Instruments TMP112_18 Datasheet HTML 7Page - Texas Instruments TMP112_18 Datasheet HTML 8Page - Texas Instruments TMP112_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Diode
Temp.
Sensor
DS
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
andTemp.
Register
TMP112
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP112
SBOS473F – MARCH 2009 – REVISED FEBRUARY 2018
TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-
Wire Serial Interface in SOT563
1
1 Features
1
TMP112A Accuracy Without Calibration :
0.5°C (Maximum) From 0°C to +65°C (3.3 V)
1.0°C (Maximum) From –40°C to +125°C
TMP112B Accuracy Without Calibration :
0.5°C (Maximum) From 0°C to +65°C (1.8 V)
1.0°C (Maximum) From –40°C to +125°C
TMP112N Accuracy Without Calibration:
1.0°C (Maximum) From –40°C to +125°C
SOT563 Package (1.6 mm × 1.6 mm)
Low Quiescent Current:
10-μA Active (Maximum), 1-μA Shutdown
(Maximum)
Supply Range: 1.4 V to 3.6 V
Resolution: 12 Bits
Digital Output: SMBus™, Two-Wire, and I2C
Interface Compatibility
NIST Traceable
2 Applications
Portable and Battery-Powered Applications
Power-Supply Temperature Monitoring
Computer Peripheral Thermal Protection
Notebook Computers
Battery Management
Office Machines
Thermostat Controls
Electromechanical Device Temperatures
General Temperature Measurements:
Industrial Controls
Test Equipment
Medical Instrumentation
3 Description
The TMP112 family of devices are digital temperature
sensors
designed
for
high-accuracy,
low-power,
NTC/PTC
thermistor
replacements
where
high
accuracy is required. The TMP112A and TMP112B
offers 0.5°C accuracy and are optimized to provide
the best PSR performance for 3.3V and 1.8V
operation respectively, while TMP112N offers 1°C
accuracy. These temperature sensors are highly
linear and do not require complex calculations or
lookup tables to derive the temperature. The on-chip
12-bit ADC offers resolutions down to 0.0625°C.
The 1.6-mm × 1.6-mm SOT563 package is 68%
smaller footprint than an SOT23 package. The
TMP112 family features SMBus, two-wire and I2C
interface compatibility, and allows up to four devices
on one bus. The device also features an SMBus alert
function. The device is specified to operate over
supply voltages from 1.4 to 3.6 V with the maximum
quiescent current of 10 µA over the full operating
range.
The
TMP112
family
is
designed
for
extended
temperature
measurement
in
communication,
computer, consumer, environmental, industrial, and
instrumentation applications. The device is specified
for operation over a temperature range of –40°C to
+125°C.
The TMP112 family production units are 100% tested
against sensors that are NIST-traceable and are
verified with equipment that are NIST-traceable
through ISO/IEC 17025 accredited calibrations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP112x
SOT563 (6)
1.60 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Numéro de pièce similaire - TMP112_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Description similaire - TMP112_18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
   Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com