Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C64BT13A-12T Fiches technique(PDF) 4 Page - Catalyst Semiconductor

No de pièce CAT28C64BT13A-12T
Description  64K-Bit CMOS PARALLEL E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C64BT13A-12T Fiches technique(HTML) 4 Page - Catalyst Semiconductor

  CAT28C64BT13A-12T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C64BT13A-12T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28C64B
4
Doc. No. 25006-0A 2/98 P-1
D.C. OPERATING CHARACTERISTICS
VCC = 5V
±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
30
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ICCC(1)
VCC Current (Operating, CMOS)
25
mA
CE = OE = VILC,
f = 1/tRC min, All I/O’s Open
ISB
VCC Current (Standby, TTL)
1
mA
CE = VIH, All I/O’s Open
ISBC(2)
VCC Current (Standby, CMOS)
100
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–10
10
µAVIN = GND to VCC
ILO
Output Leakage Current
–10
10
µAVOUT = GND to VCC,
CE = VIH
VIH(2)
High Level Input Voltage
2
VCC +0.3
V
VIL(1)
Low Level Input Voltage
–0.3
0.8
V
VOH
High Level Output Voltage
2.4
V
IOH = –400
µA
VOL
Low Level Output Voltage
0.4
V
IOL = 2.1mA
VWI
Write Inhibit Voltage
3.5
V
Note:
(1) VILC = –0.3V to +0.3V.
(2) VIHC = VCC –0.3V to VCC +0.3V.


Numéro de pièce similaire - CAT28C64BT13A-12T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C64BT13A-12T CATALYST-CAT28C64BT13A-12T Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Description similaire - CAT28C64BT13A-12T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C65B CATALYST-CAT28C65B Datasheet
60Kb / 11P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com