Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ8-SW50 Fiches technique(PDF) 5 Page - Lumileds Lighting Company

No de pièce LMZ8-SW50
Description  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMILEDS [Lumileds Lighting Company]
Site Internet  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ8-SW50 Fiches technique(HTML) 5 Page - Lumileds Lighting Company

  LMZ8-SW50 Datasheet HTML 1Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 2Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 3Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 4Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 5Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 6Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 7Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 8Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
4
Optical Characteristics
Table 2. Optical characteristics for LUXEON MZ at test current, T
j=85°C .
PART NUMBER
TYPICAL TOTAL INCLUDED ANGLE [1]
TYPICAL VIEWING ANGLE [2]
LMZx-xWxx
140°
120°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON MZ at test current, T
j=85ºC .
PART NUMBER
FORWARD VOLTAGE (V) [1]
TYPICAL TEMPERATURE
COEFFICIENT OF FORWARD
VOLTAGE (mV/°C) [2]
TYPICAL THERMAL
RESISTANCE – JUNCTION TO
SOLDER PAD (°C/W)
MINIMUM
TYPICAL
MAXIMUM
LMZx-Sxxx
10.50
11.20
11.70
-7.00
1.25
LMZx-Rxxx
5.25
5.60
6.00
-3.50
1.25
LMZx-Qxxx
2.63
2.80
3.00
-1.75
1.25
Notes for Table 3:
1. Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2. Measured between 25°C and 85°C.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON MZ .
PARAMETER
MAXIMUM PERFORMANCE
DC Forward Current [1,2]
1200mA for LMZx-Sxxx
2400mA for LMZx-Rxxx
4800mA for LMZx-Qxxx
Peak Pulsed Forward Current [1,3]
1375mA for LMZx-Sxxx
2750mA for LMZx-Rxxx
5500mA for LMZx-Qxxx
LED Junction Temperature [1] (DC & Pulse)
-40°C to 135°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 120°C
Storage Temperature
-40°C to 120°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed 15% of the maximum allowable DC forward current
3. At 10% duty cycle with pulse width of 10ms.


Numéro de pièce similaire - LMZ8-SW50

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
LMZ8-SW50 LUMILEDS-LMZ8-SW50 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Description similaire - LMZ8-SW50

FabricantNo de pièceFiches techniqueDescription
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com