Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C64BJ-12 Fiches technique(PDF) 11 Page - Catalyst Semiconductor |
|
CAT28C64BJ-12 Fiches technique(HTML) 11 Page - Catalyst Semiconductor |
11 / 12 page CAT28C64B 11 Doc. No. 25006-0A 2/98 P-1 To activate the software data protection, the device must be sent three write commands to specific addresses with specific data (Figure 9). This sequence of commands (along with subsequent writes) must adhere to the page write timing specifications (Figure 11). Once this is done, all subsequent byte or page writes to the device must be preceded by this same set of write commands. The data protection mechanism is activated until a deactivate sequence is issued regardless of power on/off transi- tions. This gives the user added inadvertent write pro- tection on power-up in addition to the hardware protec- tion provided. To allow the user the ability to program the device with an E2PROM programmer (or for testing purposes) there is a software command sequence for deactivating the data protection. The six step algorithm (Figure 10) will reset the internal protection circuitry, and the device will return to standard operating mode (Figure 12 provides reset timing). After the sixth byte of this reset sequence has been issued, standard byte or page writing can commence. Figure 11. Software Data Protection Timing 5094 FHD F13 CE WE tWP AA 1555 55 0AAA A0 1555 DATA ADDRESS tBLC tWC BYTE OR PAGE WRITES ENABLED Notes: (1) The device used in the above example is a CAT28C64BNI-15T (PLCC, Industrial temperature, 150 ns Access Time, Tape & Reel). 28C64B F15 Figure 12. Resetting Software Data Protection Timing 5094 FHD F14 CE WE AA 1555 55 0AAA DATA ADDRESS tWC 80 1555 AA 1555 55 0AAA 20 1555 SDP RESET DEVICE UNPROTECTED ORDERING INFORMATION Prefix Device # Suffix 28C64B Product Number CAT Optional Company ID NI T Tape & Reel T: 500/Reel Package P: PDIP J: SOIC (JEDEC) K: SOIC (EIAJ) N: PLCC T13: TSOP (8mmx13.4mm) -15 Temperature Range Blank = Commercial (0˚C to +70˚C) I = Industrial (-40˚C to +85˚C) A = Automotive (-40˚ to +105˚C)* Speed 12: 120ns 15: 150ns * -40˚C to +125˚C is available upon request |
Numéro de pièce similaire - CAT28C64BJ-12 |
|
Description similaire - CAT28C64BJ-12 |