Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY7C1541KV18 Fiches technique(PDF) 1 Page - Cypress Semiconductor

No de pièce CY7C1541KV18
Description  72-Mbit QDR짰II SRAM 4-Word BurstArchitecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1541KV18 Fiches technique(HTML) 1 Page - Cypress Semiconductor

  CY7C1541KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1541KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CY7C1541KV18, CY7C1556KV18
CY7C1543KV18, CY7C1545KV18
72-Mbit QDR®II+ SRAM 4-Word Burst
Architecture (2.0 Cycle Read Latency)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-15700 Rev. *F
Revised July 31, 2009
Features
Separate independent read and write data ports
Supports concurrent transactions
450 MHz clock for high bandwidth
4-word burst for reducing address bus frequency
Double Data Rate (DDR) interfaces on both read and write
ports (data transferred at 900 MHz) at 450 MHz
Available in 2.0 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
Single multiplexed address input bus latches address inputs
for read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR
® II+ operates with 2.0 cycle read latency when DOFF is
asserted HIGH
Operates similar to QDR I device with 1 cycle read latency when
DOFF is asserted LOW
Available in x8, x9, x18, and x36 configurations
Full data coherency, providing most current data
Core VDD = 1.8V± 0.1V; IO VDDQ = 1.4V to VDD
[1]
Supports both 1.5V and 1.8V IO supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-Ball FBGA package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase-Locked Loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.0 cycles:
CY7C1541KV18 – 8M x 8
CY7C1556KV18 – 8M x 9
CY7C1543KV18 – 4M x 18
CY7C1545KV18 – 2M x 36
Functional Description
The CY7C1541KV18, CY7C1556KV18, CY7C1543KV18, and
CY7C1545KV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR II+ architecture. Similar to QDR II archi-
tecture, QDR II+ architecture consists of two separate ports: the
read port and the write port to access the memory array. The
read port has dedicated data outputs to support read operations
and the write port has dedicated data inputs to support write
operations. QDR II+ architecture has separate data inputs and
data outputs to completely eliminate the need to “turn-around”
the data bus that exists with common IO devices. Each port is
accessed through a common address bus. Addresses for read
and write addresses are latched on alternate rising edges of the
input (K) clock. Accesses to the QDR II+ read and write ports are
completely independent of one another. To maximize data
throughput, both read and write ports are equipped with DDR
interfaces. Each address location is associated with four 8-bit
words (CY7C1541KV18), 9-bit words (CY7C1556KV18), 18-bit
words (CY7C1543KV18), or 36-bit words (CY7C1545KV18) that
burst sequentially into or out of the device. Because data is trans-
ferred into and out of the device on every rising edge of both input
clocks (K and K), memory bandwidth is maximized while simpli-
fying system design by eliminating bus “turn-arounds”.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Table 1. Selection Guide
Description
450 MHz
400 MHz
375 MHz
333 MHz
Unit
Maximum Operating Frequency
450
400
375
333
MHz
Maximum Operating Current
x8
760
690
660
600
mA
x9
760
690
660
600
x18
780
710
680
620
x36
1100
1000
950
850
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4V to VDD.
[+] Feedback


Numéro de pièce similaire - CY7C1541KV18

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZC CYPRESS-CY7C1541V18-300BZC Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18-300BZI CYPRESS-CY7C1541V18-300BZI Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Description similaire - CY7C1541KV18

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7C2540KV18 CYPRESS-CY7C2540KV18 Datasheet
835Kb / 26P
   72-Mbit QDR짰II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com