Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRTBR48G Fiches technique(PDF) 22 Page - OSRAM GmbH

No de pièce LRTBR48G
Description  Multi CHIPLED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBR48G Fiches technique(HTML) 22 Page - OSRAM GmbH

Back Button LRTBR48G Datasheet HTML 18Page - OSRAM GmbH LRTBR48G Datasheet HTML 19Page - OSRAM GmbH LRTBR48G Datasheet HTML 20Page - OSRAM GmbH LRTBR48G Datasheet HTML 21Page - OSRAM GmbH LRTBR48G Datasheet HTML 22Page - OSRAM GmbH LRTBR48G Datasheet HTML 23Page - OSRAM GmbH LRTBR48G Datasheet HTML 24Page - OSRAM GmbH LRTBR48G Datasheet HTML 25Page - OSRAM GmbH LRTBR48G Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
2017-09-01
22
LRTB R48G
Lötbedingungen
Vorbehandlung nach JEDEC Level 4
Soldering Conditions
Preconditioning acc. to JEDEC Level 4
Reflow Lötprofil für bleifreies Löten
(nach J-STD-020D.01)
Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020D.01)
Anm.: Das Gehäuse ist nicht für nasschemische Reinigung geeignet.
Note: Package not suitable for wetcleaning.
Profile Feature
Pb-Free (SnAgCu) Assembly
Recommendation
Max. Ratings
Ramp-up Rate to Preheat*
)
25°C to 150°C
2°C / sec
3°C / sec
Time t
s from TSmin to TSmax
(150°C to 200°C
100s
min. 60sec max. 120sec
Ramp-up Rate to Peak*
)
T
Smax to TP
2°C / sec
3°C / sec
Liquidus Temperture T
L
217°C
Time t
L above TL
80sec
max. 100sec
Peak Temperature T
P
245°C
max. 260°C
Time t
P within 5°C of the specified
peak temperature T
P - 5K
20sec
min. 10sec max. 30sec
Ramp-down Rate*
T
P to 100°C
3°K / sec
6°K / sec maximum
Time 25°C to Peak temperature
max. 8 min.
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L


Numéro de pièce similaire - LRTBR48G

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
   Multi CHIPLED
More results

Description similaire - LRTBR48G

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
   Multi CHIPLED
LTRBRASF OSRAM-LTRBRASF Datasheet
1Mb / 23P
   Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
   Multi CHIPLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com