Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS5240 Fiches technique(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce ADS5240
Description  4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5240 Fiches technique(HTML) 12 Page - Burr-Brown (TI)

Back Button ADS5240 Datasheet HTML 8Page - Burr-Brown (TI) ADS5240 Datasheet HTML 9Page - Burr-Brown (TI) ADS5240 Datasheet HTML 10Page - Burr-Brown (TI) ADS5240 Datasheet HTML 11Page - Burr-Brown (TI) ADS5240 Datasheet HTML 12Page - Burr-Brown (TI) ADS5240 Datasheet HTML 13Page - Burr-Brown (TI) ADS5240 Datasheet HTML 14Page - Burr-Brown (TI) ADS5240 Datasheet HTML 15Page - Burr-Brown (TI) ADS5240 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
ENOB +
SINAD * 1.76
6.02
SINAD + 20Log(10)
Input(V
S )
Noise ) Harmonics
ADS5240
SBAS326C – JUNE 2004 – REVISED DECEMBER 2004
Integral Nonlinearity (INL)
Analog Bandwidth
INL is the deviation of the transfer function from a
The analog input frequency at which the spectral
reference line measured in fractions of 1 LSB using a
power of the fundamental frequency (as determined
best straight line or best fit determined by a least
by FFT analysis) is reduced by 3dB.
square curve fit. INL is independent from effects of
offset, gain or quantization errors.
Aperture Delay
Maximum Conversion Rate
The delay in time between one of the edges of the
input sampling clock and the actual time at which the
The encode rate at which parametric testing is
sampling occurs.
performed. This is the maximum sampling rate where
certified operation is given.
Aperture Uncertainty (Jitter)
Minimum Conversion Rate
The sample-to-sample variation in aperture delay.
This is the minimum sampling rate where the ADC
Clock Pulse Width/Duty Cycle
still works.
Pulse width high is the minimum amount of time that
Nyquist Sampling
the ENCODE pulse should be left in logic '1' state to
achieve rated performance. Pulse width low is the
When the sampled frequencies of the analog input
minimum time that the ENCODE pulse should be left
signal are below fCLOCK/2, it is called Nyquist sam-
in a low state (logic '0'). At a given clock rate, these
pling. The Nyquist frequency is fCLOCK/2, which can
specifications define an acceptable clock duty cycle.
vary depending on the sample rate (fCLOCK).
Differential Nonlinearity (DNL)
Offset Error
An ideal ADC exhibits code transitions that are
Offset error is the deviation of output code from
exactly 1 LSB apart. DNL is the deviation of any
mid-code
when
both
inputs
are
tied
to
com-
single LSB transition at the digital output from an
mon-mode.
ideal 1 LSB step at the analog input. If a device
claims to have no missing codes, it means that all
Propagation Delay
possible codes (for a 12-bit converter, 4096 codes)
This is the delay between the input clock of one of
are present over the full operating range.
the edges and the time when all data bits are within
Effective Number of Bits (ENOB)
valid logic levels.
The effective number of bits for a sine wave input at a
Signal-to-Noise and Distortion (SINAD)
given input frequency can be calculated directly from
The RMS value of the sine wave fIN (input sine wave
its measured SINAD using the following formula:
for an ADC) to the RMS value of the noise of the
converter from DC to the Nyquist frequency, including
harmonic content. It is typically expressed in decibels
(dB). SINAD includes harmonics, but excludes DC.
If SINAD is not known, SNR can be used exception-
ally to calculate ENOB (ENOBSNR).
12


Numéro de pièce similaire - ADS5240

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS5240 TI-ADS5240 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results

Description similaire - ADS5240

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com