Moteur de recherche de fiches techniques de composants électroniques |
|
ADF4154BRU-REEL Fiches technique(PDF) 11 Page - Analog Devices |
|
ADF4154BRU-REEL Fiches technique(HTML) 11 Page - Analog Devices |
11 / 20 page ADF4154 Rev. 0 | Page 11 of 20 REGISTERS Table 6. Register Summary NOISE AND SPUR REG DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB1 DB0 C2 (1) C1 (1) T1 T2 T3 T4 T5 T6 T7 T8 NOISE AND SPUR MODE DB2 T9 RESERVED N-DIVIDER REG DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (0) F1 F2 F3 F4 F5 F6 F7 F8 F9 F10 F11 F12 N1 N3 N4 N5 N6 CONTROL BITS CONTROL BITS CONTROL BITS CONTROL BITS 12-BIT RF FRACTIONAL VALUE DB23 DB22 DB21 N7 N8 N9 9-BIT RF INTEGER VALUE N2 FL1 R-DIVIDER REG DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (0) C1 (1) M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 M12 R1 R3 R4 12-BIT MODULUS 4-BIT R COUNTER R2 MUXOUT P2 DB20 DB19 P1 M1 DB23 DB22 DB21 M2 M3 P3 CONTROL REG DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 C2 (1) C1 (0) U1 U2 U3 U4 U5 CP0 CP1 CP2 U6 0 0 0 0 CP CURRENT SETTING RESERVED DB15 CP3 Table 7. Noise and Spur Register DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB1 DB0 C2 (1) C1 (1) T1 T2 T3 T4 T5 T6 T7 T8 CONTROL BITS NOISE AND SPUR MODE DB2 T9 RESERVED RESERVED RESERVED DB10, DB5, DB4, DB3 0 NOISE AND SPUR SETTING LOWEST SPUR MODE LOW NOISE AND SPUR MODE LOWEST NOISE MODE DB9, DB8, DB7, DB6, DB2 00000 11100 11111 THESE BITS MUST BE SET TO 0 FOR NORMAL OPERATION. |
Numéro de pièce similaire - ADF4154BRU-REEL |
|
Description similaire - ADF4154BRU-REEL |