Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE3C3994-6 Fiches technique(PDF) 3 Page - Pasternack Enterprises, Inc.

No de pièce PE3C3994-6
Description  Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3994-6 Fiches technique(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3994-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3994-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3994-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3994-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C3994
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3994-12 = 12 inches long cable
PE3C3994-100cm = 100 cm long cable
Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178
Coax PE3C3994-6
URL: https://www.pasternack.com/mmbx-plug-n-female-rg178bu-cable-assembly-pe3c3994-6-p.aspx
PE3C3994-6 REV 1.0
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug Right Angle to N Female
Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3994-6


Numéro de pièce similaire - PE3C3994-6

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3994-18 PASTERNACK-PE3C3994-18 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3994-24 PASTERNACK-PE3C3994-24 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3994-4 PASTERNACK-PE3C3994-4 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3994-8 PASTERNACK-PE3C3994-8 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

Description similaire - PE3C3994-6

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3C3993-6 PASTERNACK-PE3C3993-6 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3996-6 PASTERNACK-PE3C3996-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3994-4 PASTERNACK-PE3C3994-4 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3995-6 PASTERNACK-PE3C3995-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3994-8 PASTERNACK-PE3C3994-8 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3986-6 PASTERNACK-PE3C3986-6 Datasheet
432Kb / 4P
   Snap-On MMBX Plug to Snap-On MMBX Plug Right Angle Cable 6 Inch Length Using RG178 Coax
PE3C3994-18 PASTERNACK-PE3C3994-18 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3994-24 PASTERNACK-PE3C3994-24 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3922-6 PASTERNACK-PE3C3922-6 Datasheet
438Kb / 4P
   Snap-On MMBX Plug to SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com