Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

969-9883 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce 969-9883
Description  Agilent Quality Assured
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

969-9883 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  969-9883 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 969-9883 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 969-9883 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Agilent TwisTorr 84FS Split Flow
Datasheet
Ordering Information
United States
Agilent Technologies
121 Hartwell Avenue, Lexington MA 02421, USA
Tel: +1 781 861 7200, Fax: +1 781 860 5437 -
Toll free: +1 800 882 7426
Europe and other countries
Agilent Technologies Italia SpA
via F.lli Varian 54, 10040 Leini, (Torino), Italy
Tel: +39 011 9979 111, Fax: +39 011 9979 350
Toll free: 00 800 234 234 00
This information is subject to change without notice.
© Agilent Technologies, Inc. 2017
Published in Italy, March, 2017
Pumps
Part Numbers
TwisTorr 84FS Split Flow
X3502-64300
Controllers
Part Numbers
TwisTorr 84FS AG Rack controller RS232/485
X3508-64001
TwisTorr 84FS AG Rack controller Profibus
X3508-64002
TwisTorr 84FS on-board controller 110/220V
X3509-64000
TwisTorr 84FS on-board controller 24V
X3509-64001
TwisTorr 84FS PCB Controller
X3510-64000
Accessories
Part Numbers
Cables
Mains cable NEMA plug, 3 m long
969-9958
Mains cable European plug, 3 m long
969-9957
Serial cable and T-plus software
969-9883
PCB cable
969-9869
Pump extension cable (3 m)
969-9942
Extension cable 5 m
969-9942M007
Extension cable 10 m
969-9942M006
Extension cable 15 m
969-9942M005
Extension cable 20 m
969-9942M004
Inlet screen
Inlet screen ISO63
X3502-68001
Cooling
Metal Water Cooling Kit
X3502-68002
Plastic Water cooling kit
X3502-68003
Air cooling kit (0,5 m cable)
969-9290
Air cooling kit extension cable (5 m)
969-9940
Vibration isolator
Vibration isolator ISO 63
969-9375
Venting
Vent Valve N.O. 0,5 mm orifice (0,5 m cable)
969-9844
Vent Valve extension cable (5 m)
969-9941
Vent Valve extension cable (10 m)
969-9941M003
Vent Valve extension cable (15 m)
969-9941M001
Vent Valve extension cable (20 m)
969-9941M005
Vent Screw M5
X3502-68005
Vent Adapter kit M5-M8
X1699-64039
Purge
Purge Screw
X3502-68004
Purge valve 10 SCCM NW16KF - M12
969-9239
Purge valve 10 SCCM ¼ Swagelok - M12
969-9240
Purge valve 20 SCCM NW16KF - M12
969-9241
Purge valve 20 SCCM ¼ Swagelok - M12
969-9242
Purge valve 10 SCCM ¼ Swagelok - ¼ Swagelok
969-9232
Purge valve 20 SCCM ¼ Swagelok - ¼ Swagelok
969-9236
Mounting
Controller side mounting bracket
X3502-68006
Active Gauges
FRG 700 Full Range Gauge
Ask Agilent for details
PVG 500 Pirani Vacuum Gauge
Ask Agilent for details
PCG 750 Pirani Capacitance Gauge
Ask Agilent for details
CDG-500 Capacitance Diaphragm Gauge
Ask Agilent for details


Numéro de pièce similaire - 969-9883

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
969-9232 HP-969-9232 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9236 HP-969-9236 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9241 HP-969-9241 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9242 HP-969-9242 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
969-9309 HP-969-9309 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
More results

Description similaire - 969-9883

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
SAMYOUNG ELECTRONICS CO...
KMG SAMYOUNG-KMG Datasheet
171Kb / 2P
   105℃ 1,000~2,000Hrs assured.
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
logo
Keysight Technologies
E9300 KEYSIGHT-E9300 Datasheet
1Mb / 6P
   Agilent E9300 Power Sensors
logo
Xilinx, Inc
DS650 XILINX-DS650 Datasheet
299Kb / 9P
   Agilent Trace Core 2
logo
Keysight Technologies
W1141B-UPEXP8 KEYSIGHT-W1141B-UPEXP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
W1141B-EXP-UP8 KEYSIGHT-W1141B-EXP-UP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
logo
Agilent(Hewlett-Packard...
704FS HP-704FS Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com