Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

969-9236 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce 969-9236
Description  Agilent Quality Assured
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

969-9236 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  969-9236 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 969-9236 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 969-9236 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Agilent TwisTorr 84FS Split Flow
Datasheet
Side Port Pumping Speed
0
0,5
1
1,5
2
2,5
3
3,5
4
1,00E-03
1,00E-02
1,00E-01
1,00E+00
Side Port Pressure (mBar)
Side Port Pumping Speed
Nitorgen
Helium
Argon
Side Port Pressure (mbar)
Main/Side Port Compression Ratio
1,0E+00
1,0E+01
1,0E+02
1,0E+03
1,0E+04
1,0E+05
1,0E+06
1,0E-03
1,0E-02
1,0E-01
1,0E+00
Side Port Pressure (mBar)
Nitrogen
Helium
Argon
Side Port Pressure (mbar)
Side Port vs Foreline Compression Ratio
1,0E+00
1,0E+01
1,0E+02
1,0E+03
1,0E+04
1,0E+05
1,0E+06
1,0E-02
1,0E-01
1,0E+00
1,0E+01
1,0E+02
Foreline Pressure (mBar)
Side Port vs Foreline Compression Ratio
Side Port Nitrogen
Side Port Helium
Side Port Argon
Foreline Pressure (mbar)
Main Port Pumping Speed
0,0
10,0
20,0
30,0
40,0
50,0
60,0
1,00E-08
1,00E-07
1,00E-06
1,00E-05
1,00E-04
1,00E-03
1,00E-02
1,00E-01
1,00E+00
Main Port Pressure (mBar)
Main Port Pumping Speed
Nitrogen
Helium
Argon
Main Port Pressure (mbar)
Main Port vs Foreline Compression Ratio
1,0E+00
1,0E+01
1,0E+02
1,0E+03
1,0E+04
1,0E+05
1,0E+06
1,0E+07
1,0E+08
1,0E+09
1,0E+10
1,0E+11
1,0E-02
1,0E-01
1,0E+00
1,0E+01
1,0E+02
Foreline Pressure (mBar)
Main Port vs Foreline Compression Ratio
Main Port Nitrogen
Main Port Helium
Main Port Argon
Foreline Pressure (mbar)


Numéro de pièce similaire - 969-9236

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
969-9236 HP-969-9236 Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
More results

Description similaire - 969-9236

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
E1421B KEYSIGHT-E1421B Datasheet
223Kb / 5P
   Agilent E1421B
logo
SAMYOUNG ELECTRONICS CO...
KMG SAMYOUNG-KMG Datasheet
171Kb / 2P
   105℃ 1,000~2,000Hrs assured.
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
logo
Keysight Technologies
E9300 KEYSIGHT-E9300 Datasheet
1Mb / 6P
   Agilent E9300 Power Sensors
logo
Xilinx, Inc
DS650 XILINX-DS650 Datasheet
299Kb / 9P
   Agilent Trace Core 2
logo
Keysight Technologies
W1141B-UPEXP8 KEYSIGHT-W1141B-UPEXP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
W1141B-EXP-UP8 KEYSIGHT-W1141B-EXP-UP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
logo
Agilent(Hewlett-Packard...
704FS HP-704FS Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com