Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9699948M005 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce 9699948M005
Description  TwisTorr Medium-TMP Onboard Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9699948M005 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  9699948M005 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9699948M005 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Outline Drawing
200.60 7.898
169.70 6.681
Mounting
Part Numbers
Medium-TMP onboard ctlr. side-mounting bracket
X3511-68003
Cooling
Part Numbers
Medium-TMP Air Cooling Kit for onboard controller
9699297
Air Cooling Kit Extension Cable
X3501-68101 (5 m)
X3501-68051 (10 m)
X3501-68061 (15 m)
X3501-68021 (20 m)
X3501-68011 (30 m)
X3501-68071 (50 m)
X3501-68081 (75 m)
X3501-68091 (100 m)
Venting
Part Numbers
Vent valve driven by onboard controller
9699834
Technical Specifications
Technical Specifications
Input voltages
100-240 Vac
50/60 Hz, 1 ph
Maximum input power
600 VA
Output voltage
54 Vac, 3 ph
Output frequency
825 Hz
Operating temperature
+5° C to +40 °C
Storage temperature
–20° C to +70 °C
Ordering Information
TwisTorr Medium-TMP Onboard Controller
Ordering Information
Controllers
Part Numbers
TwisTorr Medium-TMP onboard controller
X3512-64016
Cables
Part Numbers
Mains cable NEMA plug 3 m long
9699958
Mains cable EU plug 3 m long
9699957
Mains cable UK plug 2.5 m long
X3501-68005
Serial Cable and A-plus
9699883
Medium-TMP Extension Cable
9699948M001 (5 m)
9699948M003 (10 m)
9699948M004 (15 m)
9699948M002 (20 m)
9699948M005 (30 m)
9699948M006 (50 m)
9699948M009 (75 m)
9699948M010 (100 m)


Numéro de pièce similaire - 9699948M005

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
9699948M005 HP-9699948M005 Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
9699948M005 HP-9699948M005 Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
9699948M005 HP-9699948M005 Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
9699948M005 HP-9699948M005 Datasheet
288Kb / 2P
   TwisTorr Medium-TMP Rack Controller
More results

Description similaire - 9699948M005

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
X3501-64016 HP-X3501-64016 Datasheet
288Kb / 2P
   TwisTorr Medium-TMP Rack Controller
84FS HP-84FS Datasheet
680Kb / 3P
   Agilent TwisTorr 84 FS
704FS HP-704FS Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
logo
List of Unclassifed Man...
AMC-1000 ETC2-AMC-1000 Datasheet
532Kb / 2P
   Onboard 4 GB flash and graphics controller
logo
PHOENIX CONTACT
0803332 PHOENIX-0803332 Datasheet
42Kb / 1P
   Magazine - TMP-UM-MAG9
0803681 PHOENIX-0803681 Datasheet
41Kb / 1P
   Magazine - TMP-UM-MAG11
0803674 PHOENIX-0803674 Datasheet
52Kb / 2P
   Transport bag - TMP BAG
09/11/2020
logo
Agilent(Hewlett-Packard...
804FS HP-804FS Datasheet
1Mb / 4P
   Agilent TwisTorr 804 FS
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com