Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

96CB-L2040PAC4 Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce 96CB-L2040PAC4
Description  10.4' SVGA/XGA 1,200/1,300 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

96CB-L2040PAC4 Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  96CB-L2040PAC4 Datasheet HTML 1Page - Advantech Co., Ltd. 96CB-L2040PAC4 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Display Solutions
Features
IDK-2110
10.4" SVGA/XGA 1,200/1,300 cd/m2 Ultra
High Brightness Industrial Display Kit
with LED B/L
ƒ 10.4" LCD supports 800 x 600 and 1024 x 768 pixels and wide operating
temperature (-20 ~ 70° C)
ƒ Ultra-high brightness of 1200/1300 cd/m2 with LED backlight
ƒ High contrast ratio of 500:1 and 700:1
ƒ High uniformity of 85%
ƒ Superior sunlight readability
ƒ LVDS signal interface
ƒ Low power consumption 7.1 W and 16.05 W
ƒ 4W resistive touch solution (optional)
ƒ Anti-Reflection surface treatment (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDK-2110 series comes with a 10.4" 1200 and 1300 cd/m2 industrial grade LCD display, and an LED or driver built in. The series is also available with flexible options
for 4-wire resistive touch screens and enhanced treatment such as Anti-Reflection surface treatment and optical bonding solution. IDK-2110 series supports 1300 cd/m2 high brightness
with low power consumption at the consumption of 7.1W and 16.05 W. Equipped with high level of brightness and wide operating temperature, IDK-2110 provides superior sunlight
readability and is perfect for applications whether in semi-outdoor or outdoor environments.
Specifications
LCD Panel
Model
IDK-2110 XGA
IDK-2110 SVGA
Display Size
10.4" LED backlight panel
10.4" LED backlight panel
Resolution
1024 x 768 (XGA)
800 x 600 (SVGA)
Viewing Angle (U/D/L/R)
85°/85°/85°/85°
60°/70°/80°/80°
Brightness
1300 (cd/m2)
1200 (cd/m2)
Contrast Ratio
700 : 1
500 : 1
Response Time (ms)
30 ms
35 ms
Colors
6bit (262k)/8bit (16.2M)
6bit (262K)/8bit (16.2M)
Voltage
3.3V (typ)
3.3 V
Consumption
16.05W
7.1 W
Signal Interface
1 channel LVDS
1 channel LVDS
Weight
600g
N series: 350 g
R series: 470 g
Backlight Life (hrs)
70,000hrs
50,000hrs
Dimensions (W x H x D)
230 x 180.2 x 12.3 mm
N series: 236 x 176.9 x 5.7 mm
R series: 236 x 176.9 x 7.65 mm
LED Driver Board
Efficiency
85%
Output Current & Voltage
700 mA / 9 V (Typ.)
Dimensions (W x H x D)
60 x 16 x 5 mm
Touch Screen (R series)
Touch Screen
4-wire Resistive
4-wire Resistive
Light Transmission
82.5%
82.5%
Surface Hardness
3H
3H
Durability
1 million times
1 million times
Environment
Operating Temperature
-10 ~ 60° C
-20 ~ 70° C (N series) / -10 ~ 60° C (R series)
Storage Temperature
-30 ~ 70° C
-20 ~ 70° C
Humidity
85% @ 39° C, non-condensing
90% @ 39°C, non-condensing
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 4-Jun-2016


Numéro de pièce similaire - 96CB-L2040PAC4

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
96CB-L2040PAB4 ADVANTECH-96CB-L2040PAB4 Datasheet
887Kb / 2P
   Atom Series QSeven CPU Module
96CB-L2040PAB5 ADVANTECH-96CB-L2040PAB5 Datasheet
414Kb / 2P
   Starter kit for SMARC SOM-2569
13-May-2020
96CB-L2040PAB5 ADVANTECH-96CB-L2040PAB5 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
96CB-L2040PAB5 ADVANTECH-96CB-L2040PAB5 Datasheet
481Kb / 2P
   Starter kit of Qseven R2.1, with SOM-3569
6-Jun-2018
96CB-L2040PAE4 ADVANTECH-96CB-L2040PAE4 Datasheet
359Kb / 2P
   12.1 XGA Industrial Display kit with Touch Solution
10-Mar-2022
More results

Description similaire - 96CB-L2040PAC4

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
IDK-2110 ADVANTECH-IDK-2110_14 Datasheet
437Kb / 2P
   10.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2110 ADVANTECH-IDK-2110 Datasheet
512Kb / 2P
   10.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2115 ADVANTECH-IDK-2115_14 Datasheet
384Kb / 2P
   15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2108 ADVANTECH-IDK-2108_15 Datasheet
354Kb / 2P
   8.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2108 ADVANTECH-IDK-2108 Datasheet
475Kb / 2P
   8.4" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2112 ADVANTECH-IDK-2112 Datasheet
546Kb / 2P
   12.1" SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2112 ADVANTECH-IDK-2112_V01 Datasheet
362Kb / 2P
   12.1 SVGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
30-Mar-2018
IDK-2115 ADVANTECH-IDK-2115 Datasheet
507Kb / 2P
   15" XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
IDK-2115 ADVANTECH-IDK-2115_V01 Datasheet
613Kb / 2P
   15 XGA 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
16-Mar-2019
IDK-2119 ADVANTECH-IDK-2119_14 Datasheet
612Kb / 2P
   19" 1,200 cd/m2 Ultra High Brightness Industrial Display Kit with LED B/L
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com